Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS127P-2R4N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS127P-2R4N
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS127P-2R4N Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS127P-2R4N Datasheet HTML 1Page - Frontier Electronics. CSS127P-2R4N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS127P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A)
CSS127P-1R2N
1R2
1.2+40%,-20%
100
0.0070
9.80
CSS127P-2R4N
2R4
2.4+40%,-20%
100
0.0115
8.00
CSS127P-3R5N
3R5
3.5+40%,-20%
100
0.0135
7.50
CSS127P-4R7N
4R7
4.7+40%,-20%
100
0.0158
6.80
CSS127P-6R1N
6R1
6.1+40%,-20%
100
0.0176
6.60
CSS127P-7R6N
7R6
7.6+40%,-20%
100
0.0200
5.90
CSS127P-100M
100
10 ± 20%
1
0.0216
5.40
CSS127P-120M
120
12 ± 20%
1
0.0243
4.90
CSS127P-150M
150
15 ± 20%
1
0.0270
4.50
CSS127P-180M
180
18 ± 20%
1
0.0392
3.90
CSS127P-220M
220
22 ± 20%
1
0.0432
3.60
CSS127P-270M
270
27 ± 20%
1
0.0459
3.40
CSS127P-330M
330
33 ± 20%
1
0.0648
3.00
CSS127P-390M
390
39 ± 20%
1
0.0729
2.75
CSS127P-470M
470
47 ± 20%
1
0.1000
2.50
CSS127P-560M
560
56 ± 20%
1
0.110
2.35
CSS127P-680M
680
68 ± 20%
1
0.140
2.10
CSS127P-820M
820
82 ± 20%
1
0.160
1.95
CSS127P-101M
101
100 ± 20%
1
0.220
1.70
CSS127P-121M
121
120 ± 20%
1
0.250
1.60
CSS127P-151M
151
150 ± 20%
1
0.280
1.42
CSS127P-181M
181
180 ± 20%
1
0.350
1.30
CSS127P-221M
221
220 ± 20%
1
0.390
1.16
CSS127P-271M
271
270 ± 20%
1
0.560
1.06
CSS127P-331M
331
330 ± 20%
1
0.640
0.95
CSS127P-391M
391
390 ± 20%
1
0.700
0.88
CSS127P-471M
471
470 ± 20%
1
0.980
0.79
CSS127P-561M
561
560 ± 20%
1
1.070
0.73
CSS127P-681M
681
680 ± 20%
1
1.460
0.67
CSS127P-821M
821
820 ± 20%
1
1.640
0.60
CSS127P-102M
102
1000 ± 20%
1
1.820
0.55
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSS127P
12.0
(0.472)
12.0
(0.472)
8.0
(0.315)
5.0
(0.197)
8.4
(0.331)
5.4
(0.213)
2.8
(0.110)
7.0
(0.276)
Tol.
±0.3
(0.012)
±0.3
(0.012)
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS127P-xxx_, “CSS127P” = P/N, “xxx”= Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ± 30%, M = ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 25% of initial value at rated current, temperature rise
∆t < 40ºC
8. Inductance and Current range: From 1.2µH (9.80A) to 1000.0 µH (0.55A).
9. MSL: Level 1.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS127P-2R4N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS127P FRONTIER-CSS127P Datasheet
121Kb / 5P
Tape and Reel Specifications
More results

Similar Description - CSS127P-2R4N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0528P-2R5L FRONTIER-CSS0528P-2R5L Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com