Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR-37VR Datasheet(PDF) 1 Page - Rohm

Part # SLR-37VR
Description  LED, reflecting, high brightness, 3.0 mm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-37VR Datasheet(HTML) 1 Page - Rohm

  SLR-37VR Datasheet HTML 1Page - Rohm SLR-37VR Datasheet HTML 2Page - Rohm SLR-37VR Datasheet HTML 3Page - Rohm SLR-37VR Datasheet HTML 4Page - Rohm SLR-37VR Datasheet HTML 5Page - Rohm SLR-37VR Datasheet HTML 6Page - Rohm SLR-37VR Datasheet HTML 7Page - Rohm SLR-37VR Datasheet HTML 8Page - Rohm SLR-37VR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image


Similar Part No. - SLR-37VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-37VR ROHM-SLR-37VR Datasheet
306Kb / 8P
LED, reflecting, high brightness, 3.0mm
More results

Similar Description - SLR-37VR

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
High Brightness LED Lamp
logo
Microsemi Corporation
UPBLED470A MICROSEMI-UPBLED470A Datasheet
345Kb / 6P
HIGH BRIGHTNESS BLUE LED
logo
Rohm
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
Reflecting small LEDs, directly mountable (3.2 mm)
SLR-322 ROHM-SLR-322 Datasheet
207Kb / 6P
Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
logo
Vishay Siliconix
VLCS5130 VISHAY-VLCS5130 Datasheet
555Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
25-Apr-13
VLCS5230 VISHAY-VLCS5230 Datasheet
552Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
24-Apr-13
VLCS5830 VISHAY-VLCS5830 Datasheet
554Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
24-Apr-13
logo
Rohm
SLR-37 ROHM-SLR-37 Datasheet
306Kb / 8P
LED, reflecting, high brightness, 3.0mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com