Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBQ60 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SMBQ60
Description  Sensing Accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMBQ60 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

  SMBQ60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 7 page
background image
378
More information online at
bannerengineering.com
ACCESSORIES – BRAckETS
SMB18SF
50.8
42
25.4
A
All measurements in mm
Hole center spacing: A = 36.0
Hole size: A = ø 5.3
• 18 mm swivel bracket with
M18 x 1 internal thread
• Black thermoplastic polyester
• Stainless steel swivel locking
hardware included
Barrel Mount
Used with
QS18
MINI-BEAM
S18
M18
T18
T-GAGE M18T
S18U
QS18U
Q45UR S18C2
Q45UR M18C2
T18U
EZ-LIGHT T18
EZ-LIGHT M18
Base Mount
Used with
Q25
SMB18UR
137.2
41.7
63.5
B
A
C
All measurements in mm
Hole center spacing: A = 25.4,
B
= 46.7
Hole size: A , B = 6.9 x 32.0,
C
= ø 18.3
• 2-piece universal swivel bracket
• 300 series stainless steel
• Stainless steel swivel
locking hardware included
• Mounting hole for 18 mm sensor
Barrel Mount
Used with
QS18*
MINI-BEAM
S18
M18
T18
T-GAGE M18T
S18U
QS18U*
Q45UR S18C2
Q45UR M18C2
T18U
EZ-LIGHT T18
EZ-LIGHT M18
Base Mount
Used with
Q25
* Contact factory to verify compatibility with
integral QD models.
SMB3018SC
68
56.7
29
A
All measurements in mm
Hole center spacing: A = 50.8
Hole size: A = ø 7.0
• 18 mm swivel side or barre
mount bracket
• Black reinforced thermoplastic
polyester
• Stainless steel swivel locking
hardware included
Barrel Mount
Used with
M18/S18/T18
S18U
Q45UR S18C2
Q45UR M18C2
T18U
EZ-LIGHT T18
Side Mount
Used with
QS18
MINI-BEAM
QM42/QMT42
QS18U
Base Mount
Used with
Q25
SMB30A
61
45
69
A
B
C
All measurements in mm
Hole center spacing:
A
to B = 40.0
Hole size: A = ø 6.3, B = 27.3 x 6.3,
A
= ø 30.5
• Right-angle bracket with curved
slot for versatile orientation
• Clearance for M6 (¼") hardware
• Mounting hole for 30 mm sensor
• 12-ga. stainless steel
Barrel Mount
Used with
QS30
SM30/SMI30
S30
T30
T30U
EZ-LIGHT T30
Base Mount
Used with
Q40
Q45
OMNI-BEAM
OTB/LTB
VTB
STB
Q45U
Q45UR
QT50R
QT50U
k50
EZ-LIGHT K50L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com