Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBQ60 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SMBQ60
Description  Sensing Accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMBQ60 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SMBQ60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
More information online at
bannerengineering.com
375
BRAckETS – ACCESSORIES
DIN-35..
7.6
L
35
All measurements in mm
Model
Length (L)
DIN-35-70
70
DIN-35-105
105
DIN-35-140
140
Hole center spacing: 35.1
Hole size: 25.4 x 5.3
• Available in 70, 105 & 140 mm
lengths
Sensors
Used with
D10
D12
R55F
Controllers
Used with
MINI-ARRAY
High-Resolution MINI-ARRAY
EZA-MBK-20
50.0
39.2
58.2
A
B
C
All measurements in mm
Hole center spacing: A = 44.4,
B
= 20.0, C = 40.0
Hole size: A = 10.2 x 5.4,
B
= 27.6 x 7.0, C = 25.0 x 7.0
• Two-bracket kit for one
emitter or receiver
• Adapter brackets for mounting
to engineered/slotted aluminum
framing such as 80/20and
Unistrut
Sensors
Used with
EZ-ARRAY
MSMB-3
57.3
24.2
53.4
A
B
All measurements in mm
Hole center spacing:
A
, B = 44.5
Hole size: A , B = 10.2 x 4.8
• Two-bracket replacement kit for
the emitter or receiver
• 11-ga. cold-rolled steel with
black corrosion-resistant zinc
chromate finish
Sensors
Used with
High-Resolution MINI-ARRAY
MINI-ARRAY
RMB50
62
26
68
A
B
E
D
C
All measurements in mm
Hole center spacing:
A
, B = 34.0, A to B = 52.0,
E
= 26.0
Hole size: A , B = ø 0.5,
C
= ø 6.3, D = ø 4.5,
E
= 13.8 X 4.5
• Protective mounting bracket
for retroreflective targets
• 14-ga. 316 stainless steel
• Stainless steel M3 x 0.5
hardware included
Round Targets
Used with
BRT-50D
BRT-50R
Square Targets
Used with
BRT-2X2
Rectangular Targets
Used with
BRT-60X40c



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com