Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBQ60 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SMBQ60
Description  Sensing Accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMBQ60 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  SMBQ60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMBQ60 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 7 page
background image
More information online at
bannerengineering.com
377
BRAckETS – ACCESSORIES
SMB18A
41
30
46
A
B
C
All measurements in mm
Hole center spacing:
A
to B = 24.2
Hole size: A = ø 4.6, B = 17.0 x 4.6,
C
= ø 18.5
• Right-angle mounting bracket
with a curved slot for versatile
orientation
• 12-ga. stainless steel, 18 mm
sensor mounting hole
• Clearance for M4 (#8) hardware
Barrel Mount
Used with
QS18
MINI-BEAM
M18
S18
T18
T-GAGE M18T
S18U
QS18U
Q45UR M18C2
Q45UR S18C2
T18U
EZ-LIGHT T18
EZ-LIGHT M18
Base Mount
Used with
Q25
SMB18FA
25.9
68.9
66.4
B
A
All measurements in mm
A
= 3/8 - 16 x 50.8
Hole size: B = ø 18.1
• Swivel bracket with tilt and
pan movement for precision
adjustment
• 18 mm sensor mounting hole
• 12-ga. 304 stainless steel
Barrel Mount
Used with
QS18
MINI-BEAM
S18/M18/T18
S18U
QS18U
Q45UR M18C2
Q45UR S18C2
T18U
T-GAGE M18T
EZ-LIGHT M18
EZ-LIGHT T18
Bracket-to-Bracket
Used with
SMBQS18A
SMBQS18Y
Base Mount
Used with
Q25
SMB18FM
11.1
ø 30
All measurements in mm
N/A
• Two-piece thermoplastic
through-mount bracket
• Mounting nut (M22 x 1.5) and
outer flange (M22 x 1.5 external,
M18 x 1 internal)
Barrel Mount
Used with
QS18
M18
S18
T18
T-GAGE M18T
S18U
QS18U
SMB18Q
41
30
46
A
B
C
All measurements in mm
Hole center spacing:
A
to B = 24.2
Hole size: A = ø 4.6, B = 17.0 x 4.6,
C
= ø 19.0
• Right-angle flanged bracket
• 18 mm sensor mounting hole
• 12-ga. stainless steel
Barrel Mount
Used with
QS18
MINI-BEAM
S18
M18
T18
S18U
QS18U
Q45UR S18C2
Q45UR M18C2
T18U
EZ-LIGHT T18
EZ-LIGHT M18
Base Mount
Used with
Q25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com