Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003AV Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TDA2003AV
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2003AV Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TDA2003AV Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 7Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TDA2003
10W CAR RADIO AUDIO AMPLIFIER
TDA2003
GENERAL DESCRIPTION
The TDA 2003 is suitable for use as audio
amplifier in cassette tape player.The
device provides a high output current
capacity (up to 3.5A) very low harmonic
and crossover distortion. Comp letely safe
operation is guaranteed due to protection
against DC and AC short circuit between
all pins and ground, therma l over-range,
load dump voltage surge up to 40V and
fortuitous open ground.
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
C H A R A C T E R I S T I C S
S Y M B O L
VA L U E
U N I T S
Peak Supply Vo ltage
Vs
40
V
DC Supply Vo ltage
Vs
28
V
Operating Supply Vo ltage
Vs
18
V
Output peak current (repetitive)
Io
3.5
A
Output peak current (non repetitive)
Io
4.5
A
Power Dissipation at Tcase=90
°C
P t o t
2 0
W
St orage Te mp erature
Ts tg
-40~+150
°C
Junction Te mp erature
Tj
-40~+150
°C
PIN CONNECTION
5
4
3
2
1
Non inverting input
Output
Ground
Inverting input
Supply Voltage
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TDA2003AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
More results

Similar Description - TDA2003AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Oct-1998
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
Integrated Circuit Audio Power Amplifier, 10W for Car Radio
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
10W CAR RADIO AUDIO AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com