Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SB Datasheet(PDF) 13 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80960SB Datasheet HTML 9Page - Intel Corporation 80960SB Datasheet HTML 10Page - Intel Corporation 80960SB Datasheet HTML 11Page - Intel Corporation 80960SB Datasheet HTML 12Page - Intel Corporation 80960SB Datasheet HTML 13Page - Intel Corporation 80960SB Datasheet HTML 14Page - Intel Corporation 80960SB Datasheet HTML 15Page - Intel Corporation 80960SB Datasheet HTML 16Page - Intel Corporation 80960SB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
9
80960SB
LOCK
I/O
O.D.
BUS LOCK prevents bus masters from gaining control of the bus during
Read/Modify/Write (RMW) cycles. The processor or any bus agent may assert
LOCK.
At the start of a RMW operation, the processor examines the LOCK pin. If the pin is
already asserted, the processor waits until it is not asserted. If the pin is not
asserted, the processor asserts LOCK during the Ta cycle of the read transaction.
The processor deasserts LOCK in the Ta cycle of the write transaction. While LOCK
is asserted, a bus agent can perform a normal read or write but not a RMW
operation. The processor also asserts LOCK during interrupt-acknowledge transac-
tions.
Do not leave LOCK unconnected. It must be pulled high for the processor to
function properly.
ONCE MODE: The LOCK pin is sampled during reset. If it is asserted LOW at the
end of reset, all outputs will be three-stated until the part is reset again. ONCE
mode is used in conjunction with an in-circuit emulator.
BE1:0
O
T.S.
BYTE ENABLE LINES specify which data bytes (up to two) on the bus take part in
the current bus cycle. BE1 corresponds to AD15:8; BE0 corresponds to AD7:1, D0.
The byte enable lines are asserted appropriately during each data cycle.
INITIALIZATION FAILURE indicates that the processor has failed to initialize
correctly. The failure state is indicated by a combination of BLAST asserted and
BE1:0 not asserted. This condition occurs after RESET is deasserted and before
the first bus transaction begins. FAIL is asserted while the processor performs a
self-test. If the self-test completes successfully, FAIL is deasserted. The processor
then performs a zero checksum on the first eight words of memory, If it fails, FAIL is
asserted for a second time and remains asserted; if it passes, system initialization
continues and FAIL remains deasserted.
HOLD
I
HOLD indicates a request from an external bus master to acquire the bus. When
the processor receives HOLD and grants bus control to another master, it floats its
three-state bus lines, then asserts HLDA and enters the Th state. When HOLD is
deasserted, the processor deasserts HLDA and enters the Ti or Ta state.
HLDA
O
T.S.
HOLD ACKNOWLEDGE notifies an external bus master that the processor has
relinquished control of the bus. This signal is always driven. At reset it is driven
LOW.
BLAST/FAIL
O
T.S.
BURST LAST indicates the last data cycle (Td) of a burst access. It is asserted low
during the last Td and associated with Tw cycles in a burst access.
INITIALIZATION FAILURE indicates that the processor has failed to initialize
correctly. The failure state is indicated by a combination of BLAST asserted and
BE1:0 not asserted. This condition occurs after RESET is deasserted and before
the first bus transaction begins. FAIL is asserted while the processor performs a
self-test. If the self-test completes successfully, FAIL is deasserted. The processor
then performs a zero checksum on the first eight words of memory, If it fails, FAIL is
asserted for a second time and remains asserted; if it passes, system initialization
continues and FAIL remains deasserted.
Table 4. 80960SB Pin Description: Bus Signals (Sheet 2 of 2)
NAME
TYPE
DESCRIPTION
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com