Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD3/9L2SR Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD3/9L2SR
Description  SUBMINIATURE SIGNAL RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD3/9L2SR Datasheet(HTML) 1 Page - Hongfa Technology

  HFD3/9L2SR Datasheet HTML 1Page - Hongfa Technology HFD3/9L2SR Datasheet HTML 2Page - Hongfa Technology HFD3/9L2SR Datasheet HTML 3Page - Hongfa Technology HFD3/9L2SR Datasheet HTML 4Page - Hongfa Technology HFD3/9L2SR Datasheet HTML 5Page - Hongfa Technology HFD3/9L2SR Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Udibg` nd_` no\]g`
8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
Ckkmjs5 8;7hY
Ckkmjs5 877hY
Ckkmjs5 977hY
<7M h\s5
Ejio\^o m\odib
0T`n5 gj\_1
D`or``i jk`i ^jio\^on
D`or``i ^jio\^o n`on
Fd`g`^omd^
nom`iboc
Ucj^f
m`ndno\i^`
JQPIHC TGNC[
Ejdg kjr`m
V`hk`m\opm` mdn`
;<
KUQ@7783 KUQ6VU8=@;@ 3 KUQ8;7783 QJUCU8?7783 KGES SE 7?7777 EGTVKHKGF
978< T`q5 8577
Gg`^omd^\g `i_pm\i^`91
D`or``i jk`i ^jio\^on 08768=7xn1
D`or``i ^jdg . ^jio\^on 09687xn1
Hpi^odji\g
F`nomp^odq`
Hdg` Pj5AG8::;?8
D`or``i ^jdg . ^jio\^on
5KGWXUKV
Hdg` Pj5AESE8;7797>;7@
8777O 0\o <77XFE1
9777XCE 8hdi81
8777XCE 8hdi
8<77XCE 8hdi
;hn h\s5
;hn h\s5
4;7 oj ?<
<- oj ?<- TJ
87Ju oj <<Ju :5:hh FC
>:<h6n
9
@?7h6n
9
FKR3 UOV
Ckkmjs5 9b
OUN :
Rg\nod^ n`\g`_
753.
9E
877h h\s50\o 87hC :7hXFE1
CbPd 2 Cp kg\o`_
9C :7XFE
75<C 89<XCE
9C
9<7XCE 6 997XFE
=95<XC 6 =7Y
87hX 87xC
8s87?QRU
Ejio\^o \mm\ib`h`io
Ejio\^o m`ndno\i^`
Ejio\^o h\o`md\g
O\s5 nrdo^cdib ^pmm`io
O\s5 nrdo^cdib qjgo\b`
O\s5 nrdo^cdib kjr`m
Odi5 \kkgd^\]g` gj\_ 81
O`^c\id^\g `i_pm\i^`
Kinpg\odji m`ndno\i^`
Upmb` rdocno\i_ qjgo\b`
Qk`m\o` odh` 0U`o odh`1
T`g`\n` odh` 0T`n`o odh`1
Ch]d`io o`hk`m\opm`
Jphd_dot
Xd]m\odji m`ndno\i^`
V`mhdi\odji
Wido r`dbco
Ojdnopm` n`indodqdot g`q`gn 0Qigt ajm
UOV otk`3 LGFGE4UVF47971
Ejinomp^odji
@B1;8<80AB?4 @86<0: ?4:0F
2=<A02A 30A0
270?02A4?8@A82@
2=8:
@054AF 0>>?=C0: ?0A8<6@
B:+2B:
C34
_
_
_
_
_
_
_
8<77XCE 0HEE k\mo =?1
9<77XCE 0V`g`^jm_d\1
<SWKV/ 81Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
91 WN dinpg\odji ntno`hA Eg\nn C
Hdg` Pj5A;778??=>
C
34
Upmb` rdocno\i_ qjgo\b` pk oj 9<77XCE3
h``on HEE R\mo =? \i_ V`g`^jm_d\
O``on GP=7@<7 6 GP;877:
UOV \i_ FKR otk`n \q\dg\]g`
Ddapm^\o`_ ^jio\^on
Udibg` nd_` no\]g` \i_ g\o^cdib otk` \q\dg\]g`
Giqdmjih`io\g amd`i_gt kmj_p^o 0TjJU ^jhkgd\io1
Qpogdi` Fdh`indjinA 08<57 s >5< s @571hh
<SWKV/ 81Cgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`5
91Qigt otkd^\g gj\_n \m` gdno`_ \]jq`5 Qoc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no5
8s87<QRU3 75<C 89<XCE3
T`ndnodq` gj\_3 \o ?<jE3 8n ji @n jaa
9C :7XFE \o ?<
75<C 89<XCE \o ?<
9C :7XFE \o ?<
75<C 89<XCE \o ?<
<SWKV/ 81Odi5 \kkgd^\]g` gj\_ dn m`a`m`i^` q\gp`5 Rg`\n` k`majmh oc`
^jiadmh\odji o`no rdoc oc` \^op\g gj\_ ]`ajm` kmj_p^odji ndi^`
m`a`m`i^` q\gp` h\t ^c\ib` \^^jm_dib oj nrdo^cdib am`lp`i^d`n3
`iqdmjih`io\g ^ji_dodjin \i_ `sk`^o`_ ^jio\^o m`ndno\i^` \i_
m`gd\]dgdot5
91Gg`^omd^ `i_pm\i^` _\o\ \m` ^jgg`^o`_ di ji` k\dm EQ ^jio\^o o`no5


Similar Part No. - HFD3/9L2SR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD3/24-L2-R-S-R HONGFA-HFD3/24-L2-R-S-R Datasheet
213Kb / 6P
Surge withstand voltage up to 2500VAC, meets FCC Part 68 and Telecordia
More results

Similar Description - HFD3/9L2SR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com