Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD4/1.5-LS1R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD4/1.5-LS1R
Description  SUBMINIATURE SIGNAL RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4/1.5-LS1R Datasheet(HTML) 2 Page - Hongfa Technology

  HFD4/1.5-LS1R Datasheet HTML 1Page - Hongfa Technology HFD4/1.5-LS1R Datasheet HTML 2Page - Hongfa Technology HFD4/1.5-LS1R Datasheet HTML 3Page - Hongfa Technology HFD4/1.5-LS1R Datasheet HTML 4Page - Hongfa Technology HFD4/1.5-LS1R Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JHF;685<
JHF;695;
JHF;6:
JHF;6;5<
JHF;6<
JHF;6=
JHF;6@
JHF;689
JHF;69;
85<
95;
:
;5<
<
=
@
89
9;
858:
85?
959<
:5:?
:5><
;5<
=5><
@
8?
758<
759;
75:
75;<
75<
75=
75@
859
95;
8= s 08 87-1
;8 s 08 87-1
=;5: s 08 87-1
8;< s 08 87-1
8>? s 08 87-1
9<> s 08 87-1
<>@ s 08 87-1
879? s 08 87-1
9??7 s 08 87-1
959
:5=
;5<
=5>
>5<
@57
8:5<
8?57
:=57
8;7
8;7
8;7
8;7
8;7
8;7
8;7
8;7
977
JHF;685<4N
JHF;695;4N
JHF;6:4N
JHF;6;5<4N
JHF;6<4N
JHF;6=4N
JHF;6@4N
JHF;6894N
JHF;69;4N
858:
85?
959<
:5:?
:5><
;5<
=5><
@
8?
995< s 08 87-1
<? s 08 87-1
@7 s 08 87-1
97: s 08 87-1
9<7 s 08 87-1
:=7 s 08 87-1
?87 s 08 87-1
8;;7 s 08 87-1
9??7 s 08 87-1
:57
;5?
=57
@57
8757
8957
8?57
9;57
:=57
877
877
877
877
877
877
877
877
977
85<
95;
:
;5<
<
=
@
89
9;
7\Z[WUOY ZXOMRKT MWNO
81
858:
85?
959<
:5:?
:5><
;5<
=5><
@
8?
7B=? 85F5
ERVPTO ZRNO Z[KLTO
Pjhdi\g
Xjgo\b`
XFE
Ejdg
Ej_`
Rd^f4pk
Xjgo\b`
XFE
h\s5
Fmjk4jpo
Xjgo\b`
XFE
hdi5
O\s5
Xjgo\b`
XFE
Ejdg
T`ndno\i^`
Pjhdi\g
Rjr`m
hY
\kkmjs5
2 MWRT TK[MQRVP
\o 9:
Pjhdi\g
Xjgo\b`
XFE
Ejdg
Ej_`
Ejdg
T`ndno\i^`
Pjhdi\g
Rjr`m
hY
\kkmjs5
BD89D=A; =A:BD@5F=BA
7WRT ]WT[KPO
85<3 95;3 :3 ;5<3 <3 =3 @3 893 9;XFE
JHF; 6
9;
4N
EWY[
F^XO
0ZZZ1
T
U
?4
8 ^jdg g\o^cdib
ART4
Udibg` nd_` no\]g`
FOYURVKT [^XO
E4
Uo\i_\m_ UOV
E24
Ucjmo o`mhdi\g UOV
ART4
FKR
U`o
Xjgo\b`
XFE
h\s5
T`n`o
Xjgo\b`
XFE
h\s5
O\s5
Xjgo\b`
XFE
D4
V\k` \i_ m``g k\^fdib 0Qigt ajm UOV otk`1
ART4
Vp]` k\^fdib0Qigt ajm FKR otk`1
CKMSRVP Z[^TO
=9
AW[OZ4
81 Yc`i pn`m/n m`lpdm`h`ion ^\i/o ]` ajpi_ di oc` \]jq` o\]g`3nk`^d\g jm_`m \ggjr`_5
91 Ki ^\n` <X ja om\indnojm _mdq` ^dm^pdo3 do dn m`^jhh`i_`_ oj pn` ;5<X otk` m`g\t3 \i_ :X oj pn` 95;X otk` m`g\t5
AW[OZ4
81 Hjm oc` T otk`3 oc` g`oo`m ,T, rdgg jigt ]` kmdio`_ ji k\^fdib o\b \i_ rdgg ijo \kk`\m ji m`g\t ^jq`m5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com