Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C196EA Datasheet(PDF) 21 Page - Intel Corporation

Part # 80C196EA
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196EA Datasheet(HTML) 21 Page - Intel Corporation

Back Button 80C196EA Datasheet HTML 17Page - Intel Corporation 80C196EA Datasheet HTML 18Page - Intel Corporation 80C196EA Datasheet HTML 19Page - Intel Corporation 80C196EA Datasheet HTML 20Page - Intel Corporation 80C196EA Datasheet HTML 21Page - Intel Corporation 80C196EA Datasheet HTML 22Page - Intel Corporation 80C196EA Datasheet HTML 23Page - Intel Corporation 80C196EA Datasheet HTML 24Page - Intel Corporation 80C196EA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
ADVANCE INFORMATION
15
8xC196EA — AUTOMOTIVE
5.0
ADDRESS MAP
Table 5. 8xC196EA Address Map (Sheet 1 of 2)
Hex
Address
Description (Note 1, Note 2)
Addressing
Modes
FFFFFF
FF4000
External device (memory or I/O) connected to address/data bus
Indirect, indexed,
extended
FF3FFF
FF2400
Program memory (Note 3)
Indirect, indexed,
extended
FF23FF
FF2200
Program memory (Note 3)
Indirect, indexed,
extended
FF21FF
FF20C0
Special-purpose memory (PIH vectors; Note 3)
Indirect, indexed,
extended
FF20BF
FF2080
Program memory (Note 3);
(After reset, the first instruction is fetched from FF2080H.)
Indirect, indexed,
extended
FF207F
FF2000
Special-purpose memory (CCBs, interrupt vectors, PTS vectors; Note 3)
Indirect, indexed,
extended
FF1FFF
FF1000
External device (memory or I/O) connected to address/data bus
Indirect, indexed,
extended
FF0FFF
FF0400
Internal code/data RAM (identically mapped from page 00H)
Indirect, indexed,
extended
FF03FF
FF0000
Reserved for in-circuit emulators
—
FEFFFF
1F0000
Overlaid memory (reserved for future devices);
locations
xF0000–xF03FFH are reserved for in-circuit emulators
Indirect, indexed,
extended
1EFFFF
004000
External device (memory or I/O) connected to address/data bus
Indirect, indexed,
extended
003FFF
002400
A copy of internal ROM (FF2400–FF3FFFH) if CCB1.2=0
External memory if CCB1.2=1
Indirect, indexed,
extended
0023FF
002000
External device (memory or I/O) connected to address/data bus
Indirect, indexed,
extended
001FFF
001FE0
Memory-mapped special-function registers (SFRs)
Indirect, indexed,
extended
001FDF
001C00
Peripheral special-function registers (SFRs)
Indirect, indexed,
extended,
windowed direct
001BFF
001000
External device (memory or I/O) connected to address/data bus
Indirect, indexed,
extended
000FFF
000400
Internal code/data RAM (identically mapped into page FFH)
Indirect, indexed,
extended
NOTES:
1.
Unless otherwise noted, write 0FFH to reserved memory locations and write 0 to reserved SFR bits.
2.
The contents or functions of reserved locations may change in future device revisions, in which case a
program that relies on one or more of these locations might not function properly.
3.
External memory if EA# is low; internal ROM if EA# is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com