Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C188EB13 Datasheet(PDF) 8 Page - Intel Corporation

Part # 80C188EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EB13 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80C188EB13 Datasheet HTML 4Page - Intel Corporation 80C188EB13 Datasheet HTML 5Page - Intel Corporation 80C188EB13 Datasheet HTML 6Page - Intel Corporation 80C188EB13 Datasheet HTML 7Page - Intel Corporation 80C188EB13 Datasheet HTML 8Page - Intel Corporation 80C188EB13 Datasheet HTML 9Page - Intel Corporation 80C188EB13 Datasheet HTML 10Page - Intel Corporation 80C188EB13 Datasheet HTML 11Page - Intel Corporation 80C188EB13 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
PACKAGE INFORMATION
This section describes the pins pinouts and thermal
characteristics for the 80C186EB in the Plastic
Leaded Chip Carrier (PLCC) package Shrink Quad
Flat Pack (SQFP) and Quad Flat Pack (QFP) pack-
age For complete package specifications and infor-
mation see the Intel Packaging Outlines and Dimen-
sions Guide (Order Number 231369)
Prefix Identification
With the extended temperature range operational
characteristics are guaranteed over the temperature
range corresponding to b40 Cto a85 C ambient
Package types are identified by a two-letter prefix to
the part number The prefixes are listed in Table 1
Table 1 Prefix Identification
Prefix Note
Package
Temperature
Type
Type
TN
PLCC
Extended
TS
QFP (EIAJ) Extended
SB
1
SQFP
ExtendedCommercial
N
1
PLCC
Commercial
S
1
QFP (EIAJ) Commercial
NOTE
1 The 5V 25 MHz and 3V 16 MHz versions are only avail-
able in commercial temperature range corresponding to
0 Cto a70 C ambient
Pin Descriptions
Each pin or logical set of pins is described in Table
3 There are three columns for each entry in the Pin
Description Table
The Pin Name column contains a mnemonic that
describes the pin function Negation of the signal
name (for example RESIN) denotes a signal that is
active low
The Pin Type column contains two kinds of informa-
tion The first symbol indicates whether a pin is pow-
er (P) ground (G) input only (I) output only (O) or
inputoutput (IO)
Some pins have multiplexed
functions (for example A19S6) Additional symbols
indicate additional characteristics for each pin Table
2 lists all the possible symbols for this column
The Input Type column indicates the type of input
(Asynchronous or Synchronous)
Asynchronous pins require that setup and hold times
be met only in order to guarantee
recognition at a
particular clock edge Synchronous pins require that
setup and hold times be met to guarantee proper
operation For example missing the setup or hold
time for the SRDY pin (a synchronous input) will re-
sult in a system failure or lockup Input pins may also
be edge- or level-sensitive The possible character-
istics for input pins are S(E) S(L) A(E) and A(L)
The Output States column indicates the output
state as a function of the device operating mode
Output states are dependent upon the current activi-
ty of the processor There are four operational
states that are different from regular operation bus
hold reset Idle Mode and Powerdown Mode Ap-
propriate characteristics for these states are also in-
dicated in this column with the legend for all possi-
ble characteristics in Table 2
The Pin Description column contains a text de-
scription of each pin
As an example consider AD150 IO signifies the
pins are bidirectional S(L) signifies that the input
function is synchronous and level-sensitive H(Z)
signifies that as outputs the pins are high-imped-
ance upon acknowledgement of bus hold R(Z) sig-
nifies that the pins float during reset P(X) signifies
that the pins retain their states during Powerdown
Mode
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com