Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C188EC13 Datasheet(PDF) 40 Page - Intel Corporation

Part # 80C188EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 Datasheet(HTML) 40 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 36Page - Intel Corporation 80C188EC13 Datasheet HTML 37Page - Intel Corporation 80C188EC13 Datasheet HTML 38Page - Intel Corporation 80C188EC13 Datasheet HTML 39Page - Intel Corporation 80C188EC13 Datasheet HTML 40Page - Intel Corporation 80C188EC13 Datasheet HTML 41Page - Intel Corporation 80C188EC13 Datasheet HTML 42Page - Intel Corporation 80C188EC13 Datasheet HTML 43Page - Intel Corporation 80C188EC13 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
80C186EC188EC 80L186EC188EC
DERATING CURVES
272434 – 13
Figure 14 Typical Output Delay Variations versus Load Capacitance
272434 – 14
Figure 15 Typical Rise and Fall Variations versus Load Capacitance
RESET
The processor will perform a reset operation any
time the RESIN pin is active The RESIN pin is syn-
chronized before it is presented internally which
means that the clock must be operating before a
reset can take effect From a power-on state RESIN
must be held active (low) in order to guarantee cor-
rect initialization of the processor Failure to pro-
vide RESIN while the device is powering up will
result in unspecified operation of the device
Figure 16 shows the correct reset sequence when
first applying power to the processor An external
clock connected to CLKIN must not exceed the VCC
threshold being applied to the processor This is nor-
mally not a problem if the clock driver is supplied
with the same VCC that supplies the processor
When attaching a crystal to the device RESIN must
remain active until both VCC and CLKOUT are stable
(the length of time is application specific and de-
pends on the startup characteristics of the crystal
circuit) The RESIN pin is designed to operate cor-
rectly using a RC reset circuit but the designer must
ensure that the ramp time for VCC is not so long that
RESIN is never sampled at a logic low level when
VCC reaches minimum operating conditions
Figure 17 shows the timing sequence when RESIN
is applied after VCC is stable and the device has
been operating Note that a reset will terminate all
activity and return the processor to a known operat-
ing state Any bus operation that is in progress at the
time RESIN is asserted will terminate immediately
(note that most control signals will be driven to their
inactive state first before floating)
While
RESIN
is
active
bus
signals
LOCK
A19S16ONCE and A1816 are configured as in-
puts and weakly held high by internal pullup transis-
tors Only A19ONCE can be overdriven to a low
and is used to enable the ONCE Mode Forcing
LOCK or A1816 low at any time while RESIN is low
is prohibited and will cause unspecified device oper-
ation
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com