Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP80C51FA Datasheet(PDF) 13 Page - Intel Corporation

Part # TP80C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP80C51FA Datasheet(HTML) 13 Page - Intel Corporation

Back Button TP80C51FA Datasheet HTML 5Page - Intel Corporation TP80C51FA Datasheet HTML 6Page - Intel Corporation TP80C51FA Datasheet HTML 7Page - Intel Corporation TP80C51FA Datasheet HTML 8Page - Intel Corporation TP80C51FA Datasheet HTML 9Page - Intel Corporation TP80C51FA Datasheet HTML 10Page - Intel Corporation TP80C51FA Datasheet HTML 11Page - Intel Corporation TP80C51FA Datasheet HTML 12Page - Intel Corporation TP80C51FA Datasheet HTML 13Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
AC TESTING INPUT OUTPUT WAVEFORMS
270501 – 17
AC Inputs during testing are driven at VCCb05V for a Logic ‘‘1’’
and 045V for a Logic ‘‘0’’ Timing measurements are made at VIH
min for a Logic ‘‘1’’ and VOL max for a Logic ‘‘0’’
FLOAT WAVEFORMS
270501 – 18
For timing purposes a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loaded VOH VOL level occurs
IOL IOH t g20 mA This is for Ports 1 2 and 3
DATASHEET REVISION HISTORY
The following are key differences between this datasheet and the -006 version
1 The ‘‘preliminary’’ status was dropped and replaced with production status (no label)
2 Trademarks were updated
The following are key differences between the -006 and the -005 version of the datasheet
1 Preliminary notice has been added to the Title page
2 Figure 3 Pin Connections has been modified RST pin is now RESET pin
3 RST pin description is now RESET pin description
4 Figure 6 ICC vs Frequency has been corrected to show test conditions
5 ICC Max spec has been corrected
6 AC Characteristic table 1TCLCL spec has been changed to have a Max frequency of 16 MHz
The following are key differences between the -005 and the -004 version of the datasheet
1 ‘‘NC’’ pin labels changed to ‘‘Reserved’’ in Figure 3
2 Capacitor value for ceramic resonators deleted in Figure 4
The following are the key differences between the -003 version of the 8XC51FA datasheet and the -004
version of the 80C51FA83C51FA datasheet
1 Removed references to EPROM from the 8XC51FA datasheet
2 Revised Figure 4 ‘‘Oscillator Connections’’
The following are the key differences between the -002 and the -003 version of this datasheet
1 Dropped word ‘‘maximum’’ from IOL in the Absolute Maximum Rating table
2 Dropped EA from ILI specification of the DC table
3 Corrected TQVWH specification (from TTCLCL b 70 to TCLCL b 150)
4 Added note on external clock capacitance loading
5 Changed the title to 80C51FA83C51FA Event-Control CHMOS Single-Chip 8-Bit Microcontroller
6 Added pin count to Figure 1
7 Changed ILI to g10 mA
8 Added ICC Power Down Mode 150 nA
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com