Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB80C186EB13 Datasheet(PDF) 36 Page - Intel Corporation

Part # SB80C186EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SB80C186EB13 Datasheet(HTML) 36 Page - Intel Corporation

Back Button SB80C186EB13 Datasheet HTML 32Page - Intel Corporation SB80C186EB13 Datasheet HTML 33Page - Intel Corporation SB80C186EB13 Datasheet HTML 34Page - Intel Corporation SB80C186EB13 Datasheet HTML 35Page - Intel Corporation SB80C186EB13 Datasheet HTML 36Page - Intel Corporation SB80C186EB13 Datasheet HTML 37Page - Intel Corporation SB80C186EB13 Datasheet HTML 38Page - Intel Corporation SB80C186EB13 Datasheet HTML 39Page - Intel Corporation SB80C186EB13 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
AC SPECIFICATIONS (Continued)
Relative Timings (80C186EB25 20 1380L186EB16 13 8)
Symbol
Parameter
Min
Max
Units
Notes
RELATIVE TIMINGS
TLHLL
ALE Rising to ALE Falling
T b 15
ns
TAVLL
Address Valid to ALE Falling
T b 10
ns
TPLLL
Chip Selects Valid to ALE Falling
T b 10
ns
1
TLLAX
Address Hold from ALE Falling
T b 10
ns
TLLWL
ALE Falling to WR Falling
T b 15
ns
1
TLLRL
ALE Falling to RD Falling
T b 15
ns
1
TWHLH
WR Rising to ALE Rising
T b 10
ns
1
TAFRL
Address Float to RD Falling
0
ns
TRLRH
RD Falling to RD Rising
(2 T) b 5ns
2
TWLWH
WR Falling to WR Rising
(2 T) b 5ns
2
TRHAV
RD Rising to Address Active
T b 15
ns
TWHDX
Output Data Hold after WR Rising
T b 15
ns
TWHPH
WR Rising to Chip Select Rising
T b 10
ns
1
TRHPH
RD Rising to Chip Select Rising
T b 10
ns
1
TPHPL
CS Inactive to CS Active
T b 10
ns
1
TOVRH
ONCE Active to RESIN Rising
T
ns
3
TRHOX
ONCE Hold from RESIN Rising
T
ns
3
NOTES
1 Assumes equal loading on both pins
2 Can be extended using wait states
3 Not tested
36
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com