Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE17-A/12-2DT1-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE17-A/12-2DT1-R
Description  HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE17-A/12-2DT1-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE17-A/12-2DT1-R Datasheet HTML 1Page - Hongfa Technology HFE17-A/12-2DT1-R Datasheet HTML 2Page - Hongfa Technology HFE17-A/12-2DT1-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EhgmZ\m ZkkZg`^f^gm
2EBQROEP
Fb^e^\mkb\
lmk^g`ma
Sah\d k^lblmZg\^
JONIHC RGLCY
KSO@7783 KSO6TS8=@;@ 3 KSO8;7783 OJSCS8?7783 KGEQ QE 7?7777 EGRTKHKGF
87@
8MQEP, Wa^g k^jnbkbg` hma^k ghfbgZe ohemZ`^3 li^\bZe hk]^k Zeehp^]5
Ehbe ihp^k
Sbg`e^ \hbe eZm\abg`A Ciikhq5 89W
Fhn[e^ \hbel eZm\abg`A Ciikhq5 9;W
978: R^o5 8577
EhgmZ\m fZm^kbZe
KglneZmbhg k^lblmZg\^
D^mp^^g \hbe . \hgmZ\ml
D^mp^^g hi^g \hgmZ\ml
Ek^^iZ`^ ]blmZg\^
Oi^kZm^ mbf^ 0Zm ghfb5 ohem51
R^e^Zl^ mbf^ 0Zm ghfb5 ohem51
Hng\mbhgZe
F^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^
Jnfb]bmr
Cf[b^gm m^fi^kZmnk^
T^kfbgZmbhg
Ugbm p^b`am
Ehglmkn\mbhg
8777M 0Zm <77VFE1
;777VCE 8fbg
9777VCE 8fbg
@5=ff
97fl fZq5
97fl fZq5
@?f6l9
@?7f6l9
87Js mh <<Js 85<ff FC
<- t?<- RJ
4;7
mh ?<
QE
Ciikhq5 <77`
Fnlm ikhm^\m^]
4534 :9@1; 6-=/4583 ;16-A
/98=-/= 0-=-
/4-;-/=1;5<=5/<
/956
/956 0-=-
9C3 9D
Tri5A759<f fZq50Zm 977C1 081
C`SgO9
977C 9>>VCE69?VFE
;;7VCE
977C
<<;77VC 6 <=77W
<q87;OPS
=777OPS
89
9;
;?
89
9;
;?
@5=
8@59
:?5;
@5=
8@59
:?5;
977
977
977
977
977
977
89
;?
8@7
=2=
9;29;
@<2@<
Pnel^
FnkZmbhg
fl
fbg5
Ehbe R^lblmZg\^
q08 87-1
NhfbgZe
VhemZ`^
VFE
421~+
Sbg`e^ \hbe
eZm\abg`
Fhn[e^ \hbel
eZm\abg`
Zm 9:
W LZm\abg` k^eZr
W 977C lpbm\abg` \ZiZ[bebmr
W C\\hk]bg` mh CNSK E 8958
0EZkkrbg`[ 89dC \nkk^gm6==5>flB >dC i^Zd
\nkk^gm6877fl Z
W Spbm\abg` ihp^k ni mh <<5;dVC
W ;dV ]b^e^\mkb\ lmk^g`ma 0[^mp^^g \hbe Zg] \hgmZ\ml1
W Ggobkhgf^gmZe _kb^g]er ikh]n\m 0RhJS \hfiebZgm1
W Onmebg^ Fbf^glbhglA 0@>5= q >:59 q 9@5<1 ff
S^m 6 R^l^m
VhemZ`^
VFE
fZq5
M^\aZgb\Ze ^g]nkZg\^
EhgmZ\m k^lblmZg\^
8MQEP, Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l5
Nhm^lA 081 Trib\Ze oZen^A SZfiebg` jnZgmbmr _hk \hgmZ\m k^lblmZg\^ laZee ghm e^ll maZg
97 i\l3 mZd^ ma^ Zo^kZ`^ oZen^ _khf < \hgmbghnl f^Zlnk^f^gml _hk ^Z\a
lZfie^5
MZq5 lpbm\abg` ohemZ`^
MZq5 lpbm\abg` \nkk^gm
MZq5 lpbm\abg` ihp^k
EhgmZ\m kZmbg` 0R^l5 ehZ]1
Ge^\mkb\Ze ^g]nkZg\^


Similar Part No. - HFE17-A/12-2DT1-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17-A/12-2A51RXXX HONGFA-HFE17-A/12-2A51RXXX Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE17-A/12-2A51XXX HONGFA-HFE17-A/12-2A51XXX Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE17-A/12-2A52RXXX HONGFA-HFE17-A/12-2A52RXXX Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE17-A/12-2A52XXX HONGFA-HFE17-A/12-2A52XXX Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE17-A/12-2AT1RXXX HONGFA-HFE17-A/12-2AT1RXXX Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
More results

Similar Description - HFE17-A/12-2DT1-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE6 HONGFA-HFE6 Datasheet
58Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE31 HONGFA-HFE31 Datasheet
51Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com