Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE19-80/5-HT-2-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE19-80/5-HT-2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE19-80/5-HT-2-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE19-80/5-HT-2-R Datasheet HTML 1Page - Hongfa Technology HFE19-80/5-HT-2-R Datasheet HTML 2Page - Hongfa Technology HFE19-80/5-HT-2-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
=9
Eicf jiq_l
JPOIHC SGMCZ
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGERRE 7?7777 EGSUKHKGF
7IFTURIS
Tchaf_ ]icf f[n]bchaA Cjjlir5 857X
Fio\f_ ]icfm f[n]bchaA Cjjlir5 957X
978: S_p5 8577
=PTIS1 Xb_h l_koclcha inb_l higch[f pifn[a_3 mj_]c[f il^_l [ffiq_^5
976,0*/+|.0,}
\ ?7C mqcn]bcha ][j[\cfcns
\ M[n]bcha l_f[s
\ Ub_ l_f[s ][h mn[h^ 9977C j_[e ]oll_hn `il 87gm
\ Khn_la[l[n_^ ih_4jc_]_ chmn[ff[ncih mifoncih3 `[]cfcn[n_
siol chmn[ff[ncih l_kocl_g_hn5
\ ;eW ^c_f_]nlc] mnl_hanb 0\_nq__h ]icf [h^ ]ihn[]n1
\ Ghpclihg_hn[f `lc_h^fs jli^o]n 0SiJT ]igjfc[hn1
\ Ponfch_ Fcg_hmcihmA 0:?57 r :75@ r 8=5<1 gg
<:=:2BC@6 9:89 ?>D6@ ;2B49:=8 @6;2E
4>:;
4>:; 52B2
<
=
@
89
9;
;?
;
;5?
>59
@5=
8@59
:?5;
9<
:=
?7
8;<
<><
99>7
<
=
@
89
9;
;?
895<2895<
8?28?
;72;7
>92>9
9?<29?<
88<9288<9
Oigch[f
Wifn[a_
WFE
Eicf S_mcmn[h]_
r08 87-1
Qofm_
Fol[ncih
gm
gch5
Eicf S_mcmn[h]_
r08 87-1
Qofm_
Fol[ncih
gm
gch5
Oigch[f
Wifn[a_
WFE
Tchaf_ ]icf f[n]bcha
[n 9:
Fio\f_ ]icfm f[n]bcha
T_n 6 S_m_n
Wifn[a_
WFE
g[r5
T_n 6 S_m_n
Wifn[a_
WFE
g[r5
;
;5?
>59
@5=
8@59
:?5;
877
877
877
877
877
877
877
877
877
877
877
877
<777PQT
Eihn[]n l_mcmn_h]_
=PTIS1 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
Oin_mA 081 Usjc][f p[fo_A T[gjfcha ko[hncns `il ]ihn[]n l_mcmn[h]_ mb[ff hin f_mm nb[h
97 j]m3 n[e_ nb_ [p_l[a_ p[fo_ `lig < ]ihnchiom g_[mol_g_hnm `il _[]b
m[gjf_5
Eihn[]n [ll[ha_g_hn
Fc_f_]nlc]
mnl_hanb
Tbi]e l_mcmn[h]_
8C3 8D
Usj5A75;<g g[r50[n ?7C1 081
CaThP9
?7C 9<7WCE
9<7WCE
?7C
97777WC
8r87<PQT
Eihn[]n g[n_lc[f
4>=B24B 52B2
492@24B6@:AB:4A
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
El__j[a_ ^cmn[h]_
Pj_l[n_ ncg_ 0[n higc5 pifn51
S_f_[m_ ncg_ 0[n higc5 pifn51
Hoh]ncih[f
F_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
Jogc^cns
Cg\c_hn n_gj_l[nol_
U_gj_l[nol_ lcm_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
8777N 0[n <77WFE1
;777WCE 8gch
8<77WCE 8gch
?gg
97gm g[r5
97gm g[r5
@?g6m9
@?7g6m9
87Jt ni <<Jt 85<gg FC
<- ni ?<- SJ
4;7
ni >7
<<L g[r5
QED
Cjjlir5 <7a
Fomn jlin_]n_^
N[r5 mqcn]bcha pifn[a_
N[r5 mqcn]bcha ]oll_hn
N[r5 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
Gf_]nlc][f _h^ol[h]_
Eihn[]n l[ncha 0S_m5 fi[^1


Similar Part No. - HFE19-80/5-HT-2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE19-60 HONGFA-HFE19-60 Datasheet
57Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE19-60 HONGFA-HFE19-60 Datasheet
57Kb / 3P
miniature high power latching relay
HFE19-60/12-D-T-2-1-R HONGFA-HFE19-60/12-D-T-2-1-R Datasheet
57Kb / 3P
60A switching capability
HFE19-60/12-DT-1-R HONGFA-HFE19-60/12-DT-1-R Datasheet
55Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE19-60/12-DT-2-R HONGFA-HFE19-60/12-DT-2-R Datasheet
55Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - HFE19-80/5-HT-2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com