Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE19-90/5-HT-41-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE19-90/5-HT-41-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE19-90/5-HT-41-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE19-90/5-HT-41-R Datasheet HTML 1Page - Hongfa Technology HFE19-90/5-HT-41-R Datasheet HTML 2Page - Hongfa Technology HFE19-90/5-HT-41-R Datasheet HTML 3Page - Hongfa Technology HFE19-90/5-HT-41-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
=@
?SWLV3 81 K g_[hm nb[n l_f[s cm ih nb_ ,l_m_n, mn[nom qb_h ^_fcp_lsB G g_[hm nb[n l_f[s cm ih nb_ ,m_n, mn[nom qb_h ^_fcp_ls5L` hi mj_c][f l_kocl_^ \s
]omnig_l3q_ qcff e__j nb_ l_f[s ih nb_ ,m_n, mn[nom qb_h ^_fcp_ls5
/3 Gcmn[h]_ <ggB Oi \iqf_a
03 Gcmn[h]_ <ggB M4\iqf_a
91 VF8A N__n nb_ VF8 l_kocl_g_hnm ih LHF=97<<4:8BS_f[sm [l_ [\f_ ni j[mm nb_ :7Lg[r mbiln ]cl]ocn5
:1 X_ ][h g[e_ mj_]c[f ^_mcah []]il^cha ni ]omnig_l/m l_kocl_g_hn3Qf_[m_ m__ nb_ nsjc][f ^_mcah5
:?
859
85<
:?
87 758
859
85<
87 758
6XVWSQLU VTLJOIP JSKL
73 8 Iilg E
;3 8 Iilg D
S_g[leA 81 Lh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcihA ionfch_ ^cg_hmcih ]8gg3 nif_l[h]_ mbiof^ \_ v759ggB ionfch_ ^cg_hmcih _8gg
[h^ ]<gg3 nif_l[h]_ mbiof^ \_ v75:ggB ionfch_ ^cg_hmcih _<gg3 nif_l[h]_ mbiof^ \_ v75;gg5
91 Ub_ nif_l[h]_ qcnbion ch^c][ncha `il QFE f[sion cm [fq[sm v758gg5
81
91
75=; w 75=;
75=; w 75=;
D3 DaThP9
6SRWIJW UIWORN
KIH8@ 4@76 89
4G
49
2-3 @7D
U
0;;<1
6SOP IRNPL MSUQ
.3 Tchaf_ ]icf f[n]bcha
/3 Gio\f_ ]icfm f[n]bcha
M4\iqf_a
Oi \iqf_a
4S
8
@B78B<?: <?9@B>4D<@?
DZTL
6SOP YSPWINL
6SRWIJW MSUQ
6SRWIJW QIWLUOIP
ASPIUOWZ
B3 O_a[ncp_ jif[lcns
?OP3 Qimcncp_ jif[lcns
CSUW
Ponfch_ Gcg_hmcihm
@ED=<?8 7<>8?C<@?C+ G<B<?: 7<4:B4> 4?7 A6 5@4B7 =4H@ED
VhcnA gg
0T__ _f_]nlc][f _h^ol[h]_1
<3 =3 @3 893 9;3 ;?WGF
~0.1*3VF8
0;<@1A Ficf jchm qcnb l_p_lm_ _^o]ncih q[s
~001*3 F[llscha 9;77D j_[e ]oll_hn087gm1 [h^ ]ihn[]n qih/n q_f^_^



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com