Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE19-60/5-HT-2-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE19-60/5-HT-2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE19-60/5-HT-2-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE19-60/5-HT-2-R Datasheet HTML 1Page - Hongfa Technology HFE19-60/5-HT-2-R Datasheet HTML 2Page - Hongfa Technology HFE19-60/5-HT-2-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
N_n_l| <777PQT
Eihn[]n l_mcmn_h]_
CVZOY7 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
<@
Eihn[]n [ll[ha_g_hn
Eicf jiq_l
Fc_f_]nlc]
mnl_hanb
Tbi]e l_mcmn[h]_
JPOIHC SGMCZ
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGER RE 7?7777 EGSUKHKGF
=OLZ[XOY
Tchaf_ ]icf f[n]bchaA Cjjlir5 857X
Fio\f_ ]icfm f[n]bchaA Cjjlir5 957X
978: S_p5 8577
CVZOY7 Xb_h l_koclcha inb_l higch[f pifn[a_3 mj_]c[f il^_l [ffiq_^5
Hcf_ Oi5A ERE897797?=:@=
?=<26051-462.
8C3 8D
8g g[r50[n 8C =WFE1
CaThP9
=7C 9<7WCE
9<7WCE
=7C
8<777WC
* =7C mqcn]bcha ][j[\cfcns
* M[n]bcha l_f[s
* Ub_ l_f[s ][h mn[h^ 8;;7C j_[e ]oll_hn `il 87gm
* Khn_la[l[n_^ ih_4jc_]_ chmn[ff[ncih mifoncih3 `[]cfcn[n_
siol chmn[ff[ncih l_kocl_g_hn5
* ;eW ^c_f_]nlc] mnl_hanb 0\_nq__h ]icf [h^ ]ihn[]n1
* Ghpclihg_hn[f `lc_h^fs jli^o]n 0SiJT ]igjfc[hn1
* Ponfch_ Fcg_hmcihmA 0:?57 r :75@ r 8=5<1 gg
N_n_l| 8 r 87<PQT
B@C@8HIF< ?@>? EDJ<F A8H:?@C> F<A8K
Eihn[]n g[n_lc[f
:DCH8:H ;8H8
:?8F8:H<F@GH@:G
:D@A
:D@A ;8H8
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
El__j[a_ ^cmn[h]_
Pj_l[n_ ncg_ 0[n higc5 pifn51
S_f_[m_ ncg_ 0[n higc5 pifn51
Hoh]ncih[f
F_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
Jogc^cns
Cg\c_hn n_gj_l[nol_
U_gj_l[nol_ lcm_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
8777N 0[n <77WFE1
;777WCE 8gch
8<77WCE 8gch
?gg
97gm g[r5
97gm g[r5
@?g6m9
@?7g6m9
87Jt ni <<Jt 85<gg FC
<- ni ?<- SJ
4;7
ni >7
<<L g[r5
QED
Cjjlir5 <7a
Fomn jlin_]n_^
<
=
@
89
9;
;?
:5<
;59
=5:
?5;
8=5?
::5=
9<
:=
?7
8;<
<><
9:7;
<
=
@
89
9;
;?
:5<
;59
=5:
?5;
8=5?
::5=
895<2895<
8?28?
;72;7
>95<2>95<
9?>5<29?>5<
88<9288<9
Oigch[f
Wifn[a_
WFE
Eicf S_mcmn[h]_
r08 87-1
T_n 6 S_m_n
Wifn[a_
WFE
g[r5
Qofm_
Fol[ncih
gm
gch5
Eicf S_mcmn[h]_
r08 87-1
Qofm_
Fol[ncih
gm
gch5
Oigch[f
Wifn[a_
WFE
Tchaf_ ]icf f[n]bcha
[n 9:
Fio\f_ ]icfm f[n]bcha
T_n 6 S_m_n
Wifn[a_
WFE
g[r5
877
877
877
877
877
877
877
877
877
877
877
877
N[r5 mqcn]bcha pifn[a_
N[r5 mqcn]bcha ]oll_hn
N[r5 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
Gf_]nlc][f _h^ol[h]_
Eihn[]n l[ncha 0S_m5 fi[^1


Similar Part No. - HFE19-60/5-HT-2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE19-60/12-D-T-2-1-R HONGFA-HFE19-60/12-D-T-2-1-R Datasheet
57Kb / 3P
60A switching capability
HFE19-60/12-DT-21-R HONGFA-HFE19-60/12-DT-21-R Datasheet
57Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE19-60/12-DT-22-R HONGFA-HFE19-60/12-DT-22-R Datasheet
57Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE19-60/12-DT-41-R HONGFA-HFE19-60/12-DT-41-R Datasheet
57Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE19-60/12-DT-42-R HONGFA-HFE19-60/12-DT-42-R Datasheet
57Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - HFE19-60/5-HT-2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com