Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE19-90/5-DT-22-R Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFE19-90/5-DT-22-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE19-90/5-DT-22-R Datasheet(HTML) 3 Page - Hongfa Technology

  HFE19-90/5-DT-22-R Datasheet HTML 1Page - Hongfa Technology HFE19-90/5-DT-22-R Datasheet HTML 2Page - Hongfa Technology HFE19-90/5-DT-22-R Datasheet HTML 3Page - Hongfa Technology HFE19-90/5-DT-22-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9:
8
<
;
9:
8
<
;
<
87
:?
859
85<
8=5?
?5;
8:5?
:?
8;5;
?5;
885:
859
85<
8< ;
9
:
<
:?58
85<
85<
@5<
8=59
9
:
>7
T_n
S_m_n
S_m_n
T_n
S_m_n
T_n
T_n
S_m_n
Qimcncp_ jif[lcns
0Einnig pc_q1
8:5?
<
885:
87
@ED=<?8 7<>8?C<@?C+ G<B<?: 7<4:B4> 4?7 A6 5@4B7 =4H@ED
VhcnA gg
Xclcha Gc[al[g 0Einnig pc_q1
O_a[ncp_ jif[lcns
QFE M[sion
8 ]icf f[n]bcha
9 ]icfm f[n]bcha
Tchaf_ ]icf f[n]bcha
Gio\f_ ]icfm f[n]bcha
0;<@1A Ficf jchm qcnb l_p_lm_ _^o]ncih q[s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com