Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C188EB13 Datasheet(PDF) 54 Page - Intel Corporation

Part # TS80C188EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TS80C188EB13 Datasheet(HTML) 54 Page - Intel Corporation

Back Button TS80C188EB13 Datasheet HTML 50Page - Intel Corporation TS80C188EB13 Datasheet HTML 51Page - Intel Corporation TS80C188EB13 Datasheet HTML 52Page - Intel Corporation TS80C188EB13 Datasheet HTML 53Page - Intel Corporation TS80C188EB13 Datasheet HTML 54Page - Intel Corporation TS80C188EB13 Datasheet HTML 55Page - Intel Corporation TS80C188EB13 Datasheet HTML 56Page - Intel Corporation TS80C188EB13 Datasheet HTML 57Page - Intel Corporation TS80C188EB13 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
INSTRUCTION SET SUMMARY (Continued)
80C186EB
80C188EB
Function
Format
Clock
Clock
Comments
Cycles
Cycles
DATA TRANSFER
(Continued)
SEGMENT e Segment Override
CS
00101110
2
2
SS
00110110
2
2
DS
00111110
2
2
ES
00100110
2
2
ARITHMETIC
ADD e Add
Regmemory with register to either
000000dw
mod reg r m
310
310
Immediate to registermemory
100000sw
mod000 r m
data
data if s we01
416
416
Immediate to accumulator
0000010w
data
data if we1
34
34
816-bit
ADC e Add with carry
Regmemory with register to either
000100dw
mod reg r m
310
310
Immediate to registermemory
100000sw
mod010 r m
data
data if s we01
416
416
Immediate to accumulator
0001010w
data
data if we1
34
34
816-bit
INC e Increment
Registermemory
1111111w
mod000 r m
315
315
Register
01000 reg
3
3
SUB e Subtract
Regmemory and register to either
001010dw
mod reg r m
310
310
Immediate from registermemory
100000sw
mod101 r m
data
data if s we01
416
416
Immediate from accumulator
0010110w
data
data if we1
34
34
816-bit
SBB e Subtract with borrow
Regmemory and register to either
000110dw
mod reg r m
310
310
Immediate from registermemory
100000sw
mod011 r m
data
data if s we01
416
416
Immediate from accumulator
0001110w
data
data if we1
34
34
816-bit
DEC e Decrement
Registermemory
1111111w
mod001 r m
315
315
Register
01001 reg
3
3
CMP e Compare
Registermemory with register
0011101w
mod reg r m
310
310
Register with registermemory
0011100w
mod reg r m
310
310
Immediate with registermemory
100000sw
mod111 r m
data
data if s we01
310
310
Immediate with accumulator
0011110w
data
data if we1
34
34
816-bit
NEG e
Change sign registermemory
1111011w
mod011 r m
310
310
AAA e
ASCII adjust for add
00110111
8
8
DAA e
Decimal adjust for add
00100111
4
4
AAS e
ASCII adjust for subtract
00111111
7
7
DAS e
Decimal adjust for subtract
00101111
4
4
MUL e
Multiply (unsigned)
1111011w
mod 100 r m
Register-Byte
26–28
26–28
Register-Word
35–37
35–37
Memory-Byte
32–34
32–34
Memory-Word
41–43
41–43
Shaded areas indicate instructions not available in 80868088 microsystems
NOTE
Clock cycles shown for byte transfers For word operations add 4 clock cycles for all memory transfers
54
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com