Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE9-36-DST-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE9-36-DST-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE9-36-DST-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE9-36-DST-R Datasheet HTML 1Page - Hongfa Technology HFE9-36-DST-R Datasheet HTML 2Page - Hongfa Technology HFE9-36-DST-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
<;
6. 8 Hhkf C
1SQRNLGP QOGEJDK ENFG
81
R^fZkdA 81 Kg \Zl^ h_ gh mhe^kZg\^ lahpg bg hnmebg^ ]bf^glbhgA hnmebg^ ]bf^glbhg X8ff3 mhe^kZg\^ lahne] [^ w759ffB hnmebg^ ]bf^glbhg Z8ff
Zg] X<ff3 mhe^kZg\^ lahne] [^ w75:ffB hnmebg^ ]bf^glbhg Z<ff3 mhe^kZg\^ lahne] [^ w75;ff5
91 Ta^ mhe^kZg\^ pbmahnm bg]b\Zmbg` _hk PED eZrhnm bl ZepZrl w758ff5
91
:?
?
8
75=;q75=;
x:5<
95<;
<57?
x859
8@57?
JHG@49
x859
8@57?
95<;
JHG@48
<57?
95<;
x859
JHG@4:
2. 8 Hhkf D0Nh UL3EQE ZiikhoZe1
;=23=7:5 7:4;=9/?7;:
Onmebg^ Fbf^glbhgl
;@?87:3 2793:>7;:>} B7=7:5 27/5=/9 /:2 <1 0;/=2 8/C;@?
UgbmA ff
AGPQJNM
?UOG
1NJK TNKRDIG
<3 =3 @3 893 9;3 ;?VFE
*. 8 mri^ 0Sbg`e^ \hbe eZm\abg`1
+. 9 mri^ 0Sbg`e^ \hbe eZm\abg`1
,. : mri^ 0Fhn[e^ \hbel eZm\abg`1
0Dhmmhf ob^p1
PED LZrhnm
0XXX1
JHG@
4: 6 89
S
4F
T
4R
1NMRDER HNPL
?. C`SgO9
1NMRDER LDRGPJDK
=. N^`Zmbo^ iheZkbmr
<NKDPJRU
1NMQRPSERJNM
>. PeZlmb\ l^Ze^]
:JK. Phlbmbo^ iheZkbmr
:JK. Henq ikhh_^]
:NRGQ. 81 Jf^Zgl maZm k^eZr bl hg ma^ ,k^l^m, lmZmnl pa^g ]^ebo^krB F f^Zgl maZm k^eZr bl hg ma^ ,l^m, lmZmnl pa^g ]^ebo^kr5K_ gh li^b\Ze k^jnbk^]
[r \nlmhf^k3p^ pbee d^^i ma^ k^eZr hg ma^ ,l^m, lmZmnl pa^g ]^ebo^krW
91 K_ pZm^k \e^Zgbg` bl k^jnbk^] Z_m^k ma^ k^eZr bl Zll^f[e^] hg PED3 ie^Zl^ \hgmZ\m nl _hk ln``^lmbhg Z[hnm lnbmZ[e^ iZkml5
:1 W^ \Zg fZd^ li^\bZe ]^lb`g Z\\hk]bg` mh \nlmhf^k/l k^jnbk^f^gm5 Pe^Zl^ l^^ ma^ mrib\Ze ]^lb`g5
8
:
9:
8
9:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com