Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE9-19-DST-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE9-19-DST-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE9-19-DST-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE9-19-DST-R Datasheet HTML 1Page - Hongfa Technology HFE9-19-DST-R Datasheet HTML 2Page - Hongfa Technology HFE9-19-DST-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EhgmZ\m ZkkZg`^f^gm
4GDRSPGQ
Sbg`e^ \hbe eZm\abg`A Ciikhq5 857W
Fhn[e^ \hbel eZm\abg`A Ciikhq5 957W
Hbe^ Nh5AEQE7>78>78@=;;
Fb^e^\mkb\
lmk^g`ma
Sah\d k^lblmZg\^
JONIHC RGLCY
Ehbe ihp^k
Hbe^ Nh5AG8::;?8
KSO@7783 KSO6TS8=@;@ 3 KSO8;7783 OJSCS8?7783 KGEQ QE 7?7777 EGRTKHKGF
;7C 9<7VCE Zm >7
<7C 9<7VCE Zm >7
=7C 9<7VCE Zm >7
<:
:NRGQ. Wa^g k^jnbkbg` hma^k ghfbgZe ohemZ`^3 li^\bZe hk]^k Zeehp^]5
:NRGQ. Oger lhf^ mrib\Ze kZmbg`l Zk^ eblm^] Z[ho^5 K_ fhk^ ]^mZbel Zk^
k^jnbk^]3 ie^Zl^ \hgmZ\m nl5
978; R^o5 8577
Y LZm\abg` k^eZr
Y =7C lpbm\abg` \ZiZ[bebmr
Y Ta^ k^eZr \Zg lmZg] 8;;7C i^Zd \nkk^gm _hk 87fl
Y ;dV ]b^e^\mkb\ lmk^g`ma0[^mp^^g \hbe Zg] \hgmZ\ml1
Y J^Zor ehZ] ni mh 8<777VC
Y Ggobkhgf^gmZe _kb^g]er ikh]n\m 0RhJS \hfiebZgm1
Y Onmebg^ Fbf^glbhglA 0:?57 q :757 q 8=571 ff
EhgmZ\m fZm^kbZe
KglneZmbhg k^lblmZg\^
D^mp^^g \hbe . \hgmZ\ml
D^mp^^g hi^g \hgmZ\ml
Ek^^iZ`^ ]blmZg\^
Oi^kZm^ mbf^ 0Zm ghfb5 ohem51
R^e^Zl^ mbf^ 0Zm ghfb5 ohem51
Hng\mbhgZe
F^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^
Jnfb]bmr
Cf[b^gm m^fi^kZmnk^
T^kfbgZmbhg
Ugbm p^b`am
Ehglmkn\mbhg
8777M 0Zm <77VFE1
;777VCE 8fbg
8<77VCE 8fbg
?ff
97fl fZq5
97fl fZq5
@?f6l9
@?7f6l9
87Js mh <<Js 85<ff FC
<- mh ?<- RJ
4;7
mh >7
QE
Ciikhq5 ::`
PeZlmb\ l^Ze^]3 Henq ikhh_^]
S^m 6 R^l^m
VhemZ`^
VFE
fZq5
<
=
@
89
9;
;?
<
=
@
89
9;
;?
9;
:<
?7
8;<
<><
99>7
89289
8>5<28>5<
;72;7
>92>9
9?<29?<
88:<288:<
97:7/?@=3 6756 <;B3= 8/?167:5 =38/C
1;:?/1? 2/?/
16/=/1?3=7>?71>
1;78
Ehbe R^lblmZg\^
q08 87-1
1;78 2/?/
NhfbgZe
VhemZ`^
VFE
>/43?C /<<=;A/8 =/?7:5>
@8~1@8
8C3 8D
8f fZq50Zm 8C 9;VFE1
C`SgO9
=7C 9<7VCE <7C 9<7VCE ;7C 9<7VCE
643-
Sbg`e^ \hbe
eZm\abg`
Fhn[e^ \hbel
eZm\abg`
Zm 9:
:5<
;59
=5:
?5;
8=5?
::5=
:5<
;59
=5:
?5;
8=5?
::5=
Pnel^
pb]ma
0fl1 fbg5
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<777OPS
87777OPS
877777OPS
M^\aZgb\Ze ^g]nkZg\^
EhgmZ\m k^lblm^g\^
9<7VCE
=7C
8<777VC
8q87=OPS
M^m^kA8q87<OPS
8q87<OPS 0Zm ;7C 9<7VCE1
:NRGQ. Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l5
MZq5 lpbm\abg` ohemZ`^
MZq5 lpbm\abg` \nkk^gm
MZq5 lpbm\abg` ihp^k
Ge^\mkb\Ze ^g]nkZg\^
EhgmZ\m kZmbg`
0R^l5 ehZ]1


Similar Part No. - HFE9-19-DST-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE9-3/12-D-S-T-R HONGFA-HFE9-3/12-D-S-T-R Datasheet
63Kb / 3P
Latching relay
More results

Similar Description - HFE9-19-DST-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE15 HONGFA-HFE15 Datasheet
1Mb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com