Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE7/12-2HSTG-L2R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE7/12-2HSTG-L2R
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE7/12-2HSTG-L2R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE7/12-2HSTG-L2R Datasheet HTML 1Page - Hongfa Technology HFE7/12-2HSTG-L2R Datasheet HTML 2Page - Hongfa Technology HFE7/12-2HSTG-L2R Datasheet HTML 3Page - Hongfa Technology HFE7/12-2HSTG-L2R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
nd 7> K><HFF>G= MH <AHHL> MA> L>GLBMBO> O>KLBHG cL:F> I:KM GNF;>Kf ;NM PBMA LI><B:E LN??BQ cnkldd B? MA> AB@A>K <HBE :<MBO:MBHG BL :EEHP:;E>u 0E>:L>
<AHHL> MA> L>GLBMBO> O>KLBHG cL:F> I:KM GNF;>Kf ;NM PBMA LI><B:E LN??BQ cnkldd B? MA> K>E:R MH ;> NL>= BG MA> >QMK>F> >GOBKHGF>GM HK P>E=>= ;R P:O>
LHE=>KBG@u 0E>:L> <A><D PBMA ~|bL >G@BG>>K ;>?HK> =>LB@GBG@ MA> K>E:R MH RHNK :IIEB<:MBHG B? MA>K> :K> LHF> K>JNBK>F>GMLb HNMLB=> MA> LI><B?B<:MBHG P> IKHOB=>=h
?UYMX3 kd k~f l~ F>:GL MA:M K>E:R BL HG MA> _K>L>M_ LM:MNL PA>G =>EBO>KRu kzf lz F>:GL MA:M K>E:R BL HG MA> _L>M_ LM:MNL PA>G =>EBO>KRh4A>K> :K>
GH 5, :IIKHO:E HG kzflz O>KLBHGh
ld 5G=>K MA> :F;B>G<> PBMA =:G@>KHNL @:L EBD> ~l3f 3/l HK ./lf IE:LMB< L>:E>= MRI> BL K><HFF>G=>=u 0E>:L> M>LM MA> K>E:R BG K>:E :IIEB<:MBHGLh
*? MA> :F;B>G<> :EEHPLf ?ENQIKHH?>= MRI> BL IK>?>K>GMB:EER K><HFF>G=>=h yHGM:<M BL K><HFF>G=>= ?HK LNBM:;E> <HG=BMBHG :G= LI><B?B<:MBHGL
B? P:M>K <E>:GBG@ HK LNK?:<> IKH<>LL BL BGOHEO>= BG :LL>F;EBG@ K>E:RL HG 0yxh
md |HK MA> :IIEB<:MBHG PBMA BGKNLA <NKK>GM <HG=BMBHGLf LN<A :L E:FI EH:=f FHMHK EH:=f <:I:<BM:G<> EH:=f <HBE EH:=f >M<hf P> LN@@>LM NL> MA>
?ENQIKHH? :G= GH @HE=>G IE:M>= w@3G/l <HGM:<M O>KLBHGh
c.H 5, :IIKHO:E
HG 3BG@E> LB=>
LM:;E> O>KLBHGd
knl
/;3k|HKF w
/73k|HKF x
0;3l|HKFw 073l|HKF x /;73 kwe kx
6ZXYUSMW XVMKQIR KULM +6UQR VU\MW,
ld
kd
m
o
p
s
kl
ln
lhk
mho
nhl
phm
rhn
kphr
mlhkemlhk
rshmershm
klsekls
lrselrs
okneokn
ljopeljop
lkhnelkhn
oshoeosho
rohqerohq
kslhsekslhs
mnlhsemnlhs
kmqkhnekmqkhn
md
nd
oj
oj
oj
oj
oj
oj
6ZXYUSMW XVMKQIR KULM
?UYMX3 kd wEE O:EN>L NGLI><B?B>= :K> :M KHHF M>FI>K:MNK>h
ld /GER MRIB<:E EH:=L :K> EBLM>= :;HO>h /MA>K EH:= LI><B?B<:MBHGL <:G ;> :O:BE:;E> NIHG K>JN>LMh
6@<= 74D4
:M lm
C498DH 4AAB@F4= B4D<?:C
@B78B<?: <?9@B>4D<@?
D]VM
~|{q i
6UQR [URYIOM
mf of pf sf klf ln6zy
kl
3
c888d
gk~
6UTYIKY NUWS
g2
AURIWQY]
6UTXYWZKYQUT
C3 0E:LMB< L>:E>=
?QR3 |ENQIKHH?>=
g,l
CUWY
6UTYIKY VRIYQTO
:3 }HE= IE:M>=
?QR3 .H @HE= IE:M>=
}
6UTYIKY SIYMWQIR
D3 w@3G/l
?QR3 w@.B
4
B3 .>@:MBO> IHE:KBMR
?QR3 0HLBMBO> IHE:KBMR
7UZJRM KUQRX RIYKPQTO
.HFBG:E 6HEM:@>
6zy
3>M i 2>L>M 6HEM:@>
6zy
F:Qh
nljF7
lrjF7
0NEL> zNK:MBHG
FL
FBGh
+1/0,3 3>GLBMBO> ?QR3 ~B@A L>GLBMBO>
cnkld
yHBE 2>LBLM:G<> Q ck kj`d
=/3 k <HBE E:M<ABG@
=03 l <HBEL E:M<ABG@ ?QR3 3BG@E> LB=> LM:;E>
>h@h cmosd LM:G=L ?HK ,:FI EH:=
k|HKF w
k|HKF wek |HKF x
l|HKF w
k|HKF w
l|HKF w
k|HKF wek |HKF x
E=.6E=
w@.B
w@3G/l
F78
w@3G/lf w@.B
w@3G/l
w@3G/lf w@.B
w@.B
w@.B
w@.B
w@3G/l
kjw loj6wy
rw mj6zy
kin~0 klo6wy
kim~0 loj6wy
kjw mj6zy
xmjjf 2mjj
kjw loj6wy
kin ~0 klo6wy
kim ~0 loj6wy
rw loj6wyimj6zy
kin~0 klo6wy
kim~0 loj6wy
pjj7 klo6wy
xmjjf 2mjj
rw loj6wyimj6zy
kin~0 klo6wy
kim~0 loj6wy
xmjjf 2mjj
kjw loj6wy c<HLVvkd
ow loj6wy c<HLVvjhnd
rw loj6wy c<HLVvkd
mhow loj6wyc<HLVvjhnd
rw loj6wy c<HLVvkd
mhow loj6wy c<HLVvjhnd



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com