Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C945 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # C945
Description  Complementary to A733
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

C945 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  C945 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED C945 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
Complementary to A733
MARKING: CR
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
60
V
Collector-Emitter Voltage
V
CEO
50
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
150
mA
Collector Power Dissipation
PC
0.4
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=1mA , IE=0
60
V
Collector-emitter breakdown voltage
VCEO
IC=100uA , IB=0
50
V
Emitter-base breakdown voltage
VEBO
IE=100mA, IC=0
5
V
Collector cut-off current
ICB
O
VCB=60V, IE=0
0.1
uA
Collector cut-off current
ICE
O
VCE=45V
0.1
uA
Emitter cut-off current
IEB
O
VEB=5V ,
IC=0
0.1
uA
DC current gain
hFE(1)
VCE=6 V ,
IC=1mA
70
700
hFE(2)
VCE=6 V ,
IC=0.1mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
1
V
Transition frequency
fT
VCE=6V,IC=10mA,f =30 MHz
200
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHZ
3.0
pF
Noise figure
NF
VCE=6V,IC=0.1mA
RG=10kΩ,f=1kMHZ
10
dB
CLASSIFICATION OF
hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
C945
MAKO Semiconductor Co., Limited
4008-378-873
http://www.makosemi.hk/


Similar Part No. - C945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C945 ETC-C945 Datasheet
1Mb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Stanson Technology
C945 STANSON-C945 Datasheet
80Kb / 1P
NPN TRANSISTOR
logo
Weitron Technology
C945 WEITRON-C945 Datasheet
2Mb / 4P
NPN Transistors
logo
Daya Electric Group Co....
C945 DAYA-C945 Datasheet
701Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Rectron Semiconductor
C945 RECTRON-C945 Datasheet
455Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results

Similar Description - C945

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
KTA1504 MAKOSEMI-KTA1504 Datasheet
139Kb / 2P
Complementary To KTC3875.
2SA1662 MAKOSEMI-2SA1662 Datasheet
88Kb / 2P
Complementary to KTC4374
logo
Toshiba Semiconductor
2SB1688 TOSHIBA-2SB1688 Datasheet
32Kb / 4P
complementary to 2sc5174
2SA1932 TOSHIBA-2SA1932 Datasheet
198Kb / 4P
complementary to 2sc5174
logo
First Silicon Co., Ltd
FTA1662 FS-FTA1662 Datasheet
108Kb / 2P
Complementary to FTC4374
FTC3203 FS-FTC3203 Datasheet
223Kb / 2P
Complementary to FTA1271
FTC3205 FS-FTC3205 Datasheet
205Kb / 2P
Complementary to FTA1273
FTC4374 FS-FTC4374 Datasheet
91Kb / 1P
Complementary to FTA1662
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com