Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE7/12-2DSTG-L2R Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFE7/12-2DSTG-L2R
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE7/12-2DSTG-L2R Datasheet(HTML) 4 Page - Hongfa Technology

  HFE7/12-2DSTG-L2R Datasheet HTML 1Page - Hongfa Technology HFE7/12-2DSTG-L2R Datasheet HTML 2Page - Hongfa Technology HFE7/12-2DSTG-L2R Datasheet HTML 3Page - Hongfa Technology HFE7/12-2DSTG-L2R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
knn
zBL<E:BF>K
4ABL =:M:LA>>M BL ?HK MA> <NLMHF>KLW K>?>K>G<>hwEE MA> LI><B?B<:MBHGL :K> LN;C><M MH <A:G@> PBMAHNM GHMB<>h
7> <HNE= GHM >O:EN:M> :EE MA> I>K?HKF:G<> :G= :EE MA> I:K:F>M>KL ?HK >O>KR IHLLB;E> :IIEB<:MBHGh 4ANL MA> NL>K LAHNE= ;> BG : KB@AM IHLBMBHG MH
<AHHL> MA> LNBM:;E> IKH=N<M ?HK MA>BK HPG :IIEB<:MBHGh *? MA>K> BL :GR JN>KRf IE>:L> <HGM:<M ~HG@?: ?HK MA> M><AGB<:E L>KOB<>h~HP>O>Kf BM BL MA> NL>KWL
K>LIHGLB;BEBMR MH =>M>KFBG> PAB<A IKH=N<M LAHNE= ;> NL>= HGERh
T 8B:F>G ~HG@?: {E><MKH:<HNLMB< yHhf ,M=h wEE KB@AML H? ~HG@?: :K> K>L>KO>=h
?UYQKM
kh 2>E:R BL HG MA> XK>L>MY HK _L>M_ LM:MNL PA>G ;>BG@ K>E>:L>= ?KHF LMH<Df PBMA MA> <HGLB=>K:MBHG H? LAH<D KBL>G ?KHF MK:GLBM :G= K>E:R FHNGMBG@f K>E:R
PHNE= ;> <A:G@>= MH XL>MY HK _K>L>M_ LM:MNLf MA>K>?HK>f PA>G :IIEB<:MBHG c <HGG><MBG@ MA> IHP>K LNIIERdf IE>:L> K>L>M MA> K>E:R MH XL>MY HK XK>L>MY
LM:MNL HG K>JN>LMh
lh *G HK=>K MH F:BGM:BG XL>MY HK XK>L>MY LM:MNLf >G>K@BS>= OHEM:@> MH <HBE LAHNE= K>:<A MA> K:M>= OHEM:@>f BFINEL> PB=MA LAHNE= ;> o MBF>L FHK> MA:G
XL>MY HK XK>L>MY MBF>hzH GHM >G>K@BS> OHEM:@> MH XL>MY <HBE :G= XK>L>MY <HBE LBFNEM:G>HNLERhwG= :ELH EHG@ >G>K@BS>= MBF> cFHK> MA:G k FBGd LAHNE=
;> :OHB=>=h
mh wL MA> K>E:R <HFIHG>GM I:KMbL PBEE LAKBGD :G= =>?HKF>= =N> MH MA> AB@A M>FI>K:MNK> BFI:<Mf HNK IKH=N<ML :K> ?HK;B==>G MH ;> NL>= :M MA> M>FI>K:MNK>
HNMLB=> HNK LN@@>LM>= PHKDBG@ M>FI>K:MNK> K:G@> cgnj` MH qj`d ?HK EHG@ MBF> u *? MA> P:O> LHE=>KBG@ PBEE ;> NL>=f MA> HI>K:MBG@ I:K:F>M>KL P>
PBEE LN@@>LM :K>t 5I EBFBM H? MA> IK>gA>:MBG@ MBF>t kljLu 5I EBFBM H? MA> IK>gA>:MBG@ M>FI>K:MNK>tklj`u 3HE=>KBG@ M>FI>K:MN>Ktlpj`^o`u 3HE=>KBG@
MBF>\kj^m]Lux>LB=>L HNK LN@@>LM>= I:K:F>M>KLf IE>:L> MKR MH LAHKM>G MA> IK>gA>:MBG@ MBF> :G= MA> LHE=>KBG@ MBF> :G= MKR MH EHP>K MA> M>FI>K:MNK>
?HK IK>gA>:MBG@ :G= MA> LHE=>KBG@ :L RHN <:Gu MA> F:GN:E LHE=>KBG@ ?HK LN<A K>E:R BL FHK> K><HFF>G=>=h
l <HBEL E:M<ABG@ c3M:G=:K= IHE:KBMRd
k|HKF w
l|HKF w
kwekx
@ED=<?8 7<>8?C<@?C- G<B<?: 7<4:B4> 4?7 A6 5@4B7 =4H@ED
5GBMt FF
7BKBG@ zB:@K:F cxHMMHF OB>Pd
k <HBE E:M<ABG@ c3M:G=:K= IHE:KBMRd
k|HKF w
l|HKF w
kwekx
k|HKF x
l|HKF x
2>F:KDt 4A> <HBE IHE:KBMR H? 2>O>KL> IHE:KBMR :G= 3M:G=:K= IHE:KBMR BL HIIHLBM>h
k|HKF x
l|HKF x



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com