Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE12-G120/24-HT2-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE12-G120/24-HT2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE12-G120/24-HT2-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE12-G120/24-HT2-R Datasheet HTML 1Page - Hongfa Technology HFE12-G120/24-HT2-R Datasheet HTML 2Page - Hongfa Technology HFE12-G120/24-HT2-R Datasheet HTML 3Page - Hongfa Technology HFE12-G120/24-HT2-R Datasheet HTML 4Page - Hongfa Technology HFE12-G120/24-HT2-R Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
md /D=9K= E9C= ;D=9J QGMJ L=;@FA;9D J=IMAJ=E=FLKf 9F< ;@GGK= >JGE L@= >GDDGOAF? m 4y J9LAF?Kt
4ykt E==L L@= 4yk J=IMAJ=E=FLK GF *{ypljoogmkt y9JJQAF? L=KL lnjjw H=9C ;MJJ=FL >GJ kjEKu
4ylt E==L L@= 4yl J=IMAJ=E=FLK GF *{ypljoogmkt ,9CAF? L=KLtlhoCwikjEKf ;9JJQAF? L=KL nhoCwikjEKu
4ymt E==L L@= 4ym J=IMAJ=E=FLK GF *{ypljoogmkt ,9CAF? L=KLtmCwikjEKf ;9JJQAF? L=KL pCwikjEKh
md
nm jhn
mgjhpn jhko
lgnhl jhm
kj jhm
kl jhm
knhp jhn
mnho jhn
kj jho
mhp jhm
o jhm
lhs jhm
lg1khp jhn
lgkhp jhm
lphm jhn
l jhl
qhn jhm
md
rs
.MLDAF= zAE=FKAGFK
84k|GJE x
<4k|GJE w
7ZXYUSMW XVMKQJR KULM
@UYMX4kd klj4 kljU AK BMKL L@= J=>=J=F;= N9DM=f >MJL@=J J=KAKL9F;= MHGF J=IM=KLh
ld ~ E=9FK L@9L J=D9Q AK GF L@= _J=K=L_ KL9LMK O@=F <=DAN=JQuz E=9FK L@9L J=D9Q AK GF L@= _K=L_ KL9LMK O@=F <=DAN=JQh*> FG KH=A;9D J=IMAJ=< :Q
;MKLGE=Jf O= OADD C==H L@= J=D9Q GF L@= _K=L_ KL9LMK O@=F <=DAN=JQh
kd
OAL@GML L@= L=JFAE9Df
2AF?D= ;GAD
ld
AFE>=@9 8=?9@D=A@D 5@8 H=C=@; 8=5;C5?
4FALt EE
AC89C=@; =@:AC?5E=A@
GMWXQUT
E\VM
~|{kl
gy
7UQR [URYJOM
pf sf klf lnf nr5zy
kl
3
gz
7UTYJKY NUWS
g1
C4 -=?9LAN= HGD9JALQ
@QR4 /GKALAN= HGD9JALQ
BURJWQY\
7UTYJKY SJYMWQJR
l
DUWY
.4 2AF?D= ;GAD D9L;@AF?
/4 zGM:D= ;GADK D9L;@AF?
c777d
DPZTY
./-4 kljU
@QR4 6AL@GML K@MFL
klji
E4 w?2F.l
3QH= y ;GFL9;L L=JEAF9D
c2== =D=;LJA;9D =F<MJ9F;=d
54 3QH= w ;GFL9;L L=JEAF9D
64 3QH= x ;GFL9;L L=JEAF9D
74 3QH= y ;GFL9;L L=JEAF9D
84 3QH= z ;GFL9;L L=JEAF9D
:4 3QH= | ;GFL9;L L=JEAF9D
;4 3QH= } ;GFL9;L L=JEAF9D
+0.1,4 4yk +0.2,4 4yl +0.3,4 4ym @QR4 4ym
m l k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com