Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5305ARM Datasheet(PDF) 23 Page - Analog Devices

Part # AD5305ARM
Description  2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5305ARM Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5305ARM Datasheet HTML 16Page - Analog Devices AD5305ARM Datasheet HTML 17Page - Analog Devices AD5305ARM Datasheet HTML 18Page - Analog Devices AD5305ARM Datasheet HTML 19Page - Analog Devices AD5305ARM Datasheet HTML 20Page - Analog Devices AD5305ARM Datasheet HTML 21Page - Analog Devices AD5305ARM Datasheet HTML 22Page - Analog Devices AD5305ARM Datasheet HTML 23Page - Analog Devices AD5305ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 23 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 41. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD5305ARM
−40°C to +105°C
10-Lead MSOP
RM-10
DEA
AD5305ARM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
DEA
AD5305ARMZ1
−40°C to +105°C
10-Lead MSOP
RM-10
D99
AD5305ARMZ-REEL71
−40°C to +105°C
10-Lead MSOP
RM-10
D99
AD5305BRM
−40°C to +105°C
10-Lead MSOP
RM-10
DEB
AD5305BRM-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
DEB
AD5305BRM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
DEB
AD5305BRMZ1
−40°C to +105°C
10-Lead MSOP
RM-10
DEB #
AD5305BRMZ-REEL71
−40°C to +105°C
10-Lead MSOP
RM-10
DEB #
AD5315ARM
−40°C to +105°C
10-Lead MSOP
RM-10
DFA
AD5315ARM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
DFA
AD5315ARMZ1
−40°C to +105°C
10-Lead MSOP
RM-10
D8E
AD5315BRM
−40°C to +105°C
10-Lead MSOP
RM-10
DFB
AD5315BRM-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
DFB
AD5315BRM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
DFB
AD5315BRMZ1
−40°C to +105°C
10-Lead MSOP
RM-10
D6N
AD5315BRMZ-REEL1
−40°C to +105°C
10-Lead MSOP
RM-10
D6N
AD5315BRMZ-REEL71
−40°C to +105°C
10-Lead MSOP
RM-10
D6N
AD5325ARM
−40°C to +105°C
10-Lead MSOP
RM-10
DGA
AD5325ARM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
DGA
AD5325ARMZ1
−40°C to +105°C
10-Lead MSOP
RM-10
D8G
AD5325BRM
−40°C to +105°C
10-Lead MSOP
RM-10
DGB
AD5325BRM-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
DGB
AD5325BRM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
DGB
AD5325BRMZ1
−40°C to +105°C
10-Lead MSOP
RM-10
D8H
AD5325BRMZ-REEL1
−40°C to +105°C
10-Lead MSOP
RM-10
D8H
AD5325BRMZ-REEL71
−40°C to +105°C
10-Lead MSOP
RM-10
D8H
1 Z = Pb-free part; # denotes lead-free product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com