Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P302AB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P302AB
Description  Multiple Density Solder Eyelet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P302AB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P302AB Datasheet HTML 1Page - List of Unclassifed Manufacturers P302AB Datasheet HTML 2Page - List of Unclassifed Manufacturers P302AB Datasheet HTML 3Page - List of Unclassifed Manufacturers P302AB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-36
Call Toll Free: 1 (800) 323-9612
Jones
Plugs/Sockets
Series 300
■ Solder lug terminals with .093" x .062" (2.36mm x 1.57mm) wiring holes.
■ Two-contact "Jones" connector is round, all others are rectangular.
■ For use in cable-to-panel and cable-to-cable applications.
■ Designed for light and medium duty.
■ Plug prongs are .156" (3.96mm) wide and .047" (1.19mm) thick.
■ Polarized to prevent wrong-way insertion.
■ Plugs have projecting flat blades, sockets have recessed twin bellows.
■ Cable clamps of zinc and clear irridite-plated steel used for strain relief.
■ UL Recognized-file E170218 (UL 1977), E130965 (UL1863).
■ CSA-LR31996.
■ See Panel Cutout dimension on page (2-38).
Multiple Density
Solder Eyelet
Insulation Material: Molded monoblock, general purpose
phenolic, black UL94V-1
Contact Material: Plug: Brass
Socket: Phosphor bronze
Contact Plating: Cadmium
Operating Temperature: Up to +105°C
Hood Material: UL 94V-0 rated thermoplastic
Operating Voltage:
250 VAC RMS maximum
Current Rating:
10 Amps
Contact Resistance:
16 Milliohms maximum
Marketed exclusively through distribution.


Similar Part No. - P302AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3020 ETC-P3020 Datasheet
118Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
P3020A ETC-P3020A Datasheet
118Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
P3020B ETC-P3020B Datasheet
118Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
More results

Similar Description - P302AB

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
180-1460 CAMBION-180-1460 Datasheet
25Kb / 1P
Solder terminal, eyelet, thru hole
180-1461 CAMBION-180-1461 Datasheet
25Kb / 1P
Solder terminal, eyelet, thru hole
180-1462 CAMBION-180-1462 Datasheet
25Kb / 1P
Solder terminal, eyelet, thru hole
logo
List of Unclassifed Man...
P-306-DB ETC2-P-306-DB Datasheet
60Kb / 2P
Multiple Density Solder Eyelet
logo
Japan Aviation Electron...
CJ3 JAE-CJ3 Datasheet
453Kb / 14P
HIGH DENSITY MULTIPLE TYPE
logo
Soberton Inc.
SP-1635 SOBERTON-SP-1635 Datasheet
225Kb / 1P
Solder Eyelet Post
SP-2027 SOBERTON-SP-2027 Datasheet
214Kb / 1P
Solder Eyelet Post
SP-2035 SOBERTON-SP-2035 Datasheet
213Kb / 1P
Solder Eyelet Post
SP-2040 SOBERTON-SP-2040 Datasheet
259Kb / 1P
Solder Eyelet Post
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
Solder Eyelet Wire
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com