Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82802AB Datasheet(PDF) 21 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 17Page - Intel Corporation 82802AB Datasheet HTML 18Page - Intel Corporation 82802AB Datasheet HTML 19Page - Intel Corporation 82802AB Datasheet HTML 20Page - Intel Corporation 82802AB Datasheet HTML 21Page - Intel Corporation 82802AB Datasheet HTML 22Page - Intel Corporation 82802AB Datasheet HTML 23Page - Intel Corporation 82802AB Datasheet HTML 24Page - Intel Corporation 82802AB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
21
4.1.
Read Array Command
Upon initial device power-up and after exit from reset, the device defaults to the read array mode. This
operation can also be initiated by writing the Read Array command. The device remains available for
array reads until another command is written. Once the internal write state machine (WSM) has started a
block erase or program, the device will not recognize the Read Array command until the operation is
completed, unless the operation is suspended via an Erase Suspend or Program Suspend command. The
Read Array command functions independently of the VPP voltage.
4.2.
Read Identifier Codes Command
The identifier code operation is initiated by writing the Read Identifier Codes command. Following the
write of the command, the device will read back the (manufacturer and device) ID data from the
addresses shown in the following table. To terminate the read identifier code operation, write another
valid command to the Intel FWH. The Read Identifier Codes command functions independently of the
V
PP voltage.
Table 4.
Identifier Codes
Code
Address
Data
Manufacturer code
000000
89
Device code
4 Mbit
000001
AD
Device code
8 Mbit
000001
AC
4.3.
Read Status Register Command
The status register may be read to determine when a block erase or program completes, and whether the
operation completed successfully. The status register may be read at any time by writing the Read Status
Register command. After writing this command, all subsequent read operations will return data from the
status register until another valid command is written. The Read Status Register command functions
independently of the V
PP voltage.
4.4.
Clear Status Register Command
Error flags in the status register can only be set to 1s by the WSM and can only be reset by the Clear
Status Register command. These bits indicate various conditions that may cause failure. The Clear Status
Register command functions independently of the applied V
PP voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com