Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C196LD Datasheet(PDF) 21 Page - Intel Corporation

Part # 83C196LD
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C196LD Datasheet(HTML) 21 Page - Intel Corporation

Back Button 83C196LD Datasheet HTML 14Page - Intel Corporation 83C196LD Datasheet HTML 15Page - Intel Corporation 83C196LD Datasheet HTML 16Page - Intel Corporation 83C196LD Datasheet HTML 17Page - Intel Corporation 83C196LD Datasheet HTML 18Page - Intel Corporation 83C196LD Datasheet HTML 19Page - Intel Corporation 83C196LD Datasheet HTML 20Page - Intel Corporation 83C196LD Datasheet HTML 21Page - Intel Corporation 83C196LD Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ADVANCE INFORMATION
21
AUTOMOTIVE — 83C196LC, 83C196LD
6.0 THERMAL CHARACTERISTICS
All thermal impedance data is approximate for static air conditions at 1 watt of power dissipation. Values will
change depending on operating conditions and the application. The Intel
Packaging Handbook (order number
240800) describes Intel’s thermal impedance test methodology. The
Components Quality and Reliability
Handbook (order number 210997) provides quality and reliability information.
7.0 DESIGN CONSIDERATIONS
The 83C196LC and 83C196LD are pin-compatible replacements for the 87C196JT and 87C196JR microcon-
trollers with the following exceptions.
•
The synchronous serial I/O port was enhanced to provide more flexible communication to other devices;
however, it remains compatible with the 87C196JT and JR non-enhanced SSIO.
•
The A/D converter was removed to optimize die size.
Follow these recommendations to help maintain hardware and software compatibility between 52-pin, 68-pin,
and future microcontrollers.
•
Bus width. Since the 83C196LC and LD have neither a WRH# nor a BUSWIDTH pin, the microcontrollers
cannot dynamically switch between 8- and 16-bit bus widths. Program the CCBs to select 8-bit bus mode.
•
Wait states. Since the 83C196LC and LD have no READY pin, the microcontrollers cannot rely on a
READY signal to control wait states. Program the CCBs to limit the number of wait states (0, 1, 2, or 3).
•
Write cycle during reset. If the microcontroller is reset during a write cycle, the contents of the external
memory device may be corrupted.
•
EPA7. This function exists in the83C196LC and LD, but the associated pin is omitted. You can use this
channel either as a software timer or to reset the timers.
•
EPA timer reset/write conflict. If an EPA channel resets the timer at the same time your code writes to
the timer, it is indeterminate which action takes precedence. If your code uses an EPA channel to reset a
timer, do not write to the timer.
•
Valid time matches. The timer must increment or decrement to the compare value for a valid match to
occur. Writing the compare value to the timer will not cause a match. Resetting the timer also will not
cause a match when the compare value is zero.
•
NMI. Since the 83C196LC and LD have no NMI pin, the nonmaskable interrupt is not supported. Initialize
the NMI vector (at location 203EH) to point to a RET instruction. This method provides glitch protection
only.
Table 12. Thermal Characteristics
Package Type
θ
JA
θ
JC
52-pin PLCC
42°C/W
15°C/W
NOTES:
1.
θ
JA = Thermal resistance between junction and the surrounding environment (ambient). Measure-
ments are taken 1 ft. away from case in static air flow environment.
θ
JC = Thermal resistance between juction and package surface (case).
2.
All values of
θ
JA and θJC may fluctuate depending on the environment (with or without airflow, and
how much airflow) and microcontroller power dissipation at temperature of operation. Typical varia-
tions are ± 2°C/W.
3.
Values listed are at a maximum power dissipation of 0.50 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com