Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE23-A/6-3DT1-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE23-A/6-3DT1-R
Description  MINIATURE 3-PHASES RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE23-A/6-3DT1-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE23-A/6-3DT1-R Datasheet HTML 1Page - Hongfa Technology HFE23-A/6-3DT1-R Datasheet HTML 2Page - Hongfa Technology HFE23-A/6-3DT1-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
89?
+/, + Ijmh E 0Udibg`4^jio\^o1
+3, + Ijmh D 0Udibg`4^jio\^o1
+;/, + Ijmh E 0Gjp]g`4^jio\^o1
+;3, + Ijmh D 0Gjp]g`4^jio\^o1
94 w=59
:475=;U758<
<U759
87U759
87
87
:
KIH9:
4D 6
89
V
4T 0ZZZ1
4:G
9
<, DbUiQ9
8:/0:472 4718:6-<487
>ENOHLK
<SME
.LHI RLIPBGE
.LKPBCP FLNJ
.LKPBCP JBPENHBI
:, P`b\odq` kjg\mdot
7HIA Rjndodq` kjg\mdot
9LIBNHPS
-, Vtk` D ^jio\^o o`mhdi\g
;LNP
~, Udibg` ^jdg g\o^cdib
*, Gjp]g` ^jdgn g\o^cdib
Qpogdi` Gdh`indjin
8=<5470 /4607;487;| ?4:472 /4-2:-6
WidoA hh
=3 @3 893 9;3 ;?XGF
9; :
;MECHBI CLDE91 :1
@@@, Fpnojh`m nk`^d\g m`lpdm`h`io
:1 Vc` ^pnojh`m nk`^d\g m`lpdm`h`io `skm`nn \n nk`^d\g ^j_` \ao`m `q\gp\odib ]t Kjiba\5 `5b5 0;8<1 no\i_n ajm WF8B `5b5 0;8=1 no\i_n ajm
WF9B `5b5 0;8>1 no\i_n ajm WF:5
7LPEO, 81 :K3 :UK h`\in oc\o m`g\t dn ji oc` ,m`n`o, no\opn rc`i _`gdq`mtB :G3 :UG h`\in oc\o m`g\t dn ji oc` ,n`o, no\opn rc`i _`gdq`mt5La ij nk`d^\g
m`lpdm`_ ]t ^pnojh`m3r` rdgg f``k oc` m`g\t ji oc` ,n`o, no\opn rc`i _`gdq`mt5
81
91 Rg`\n` h\f` ^g`\m tjpm o`^cid^\g m`lpdm`h`ion3 \i_ ^cjjn` amjh oc` ajggjrdib : WF m\odibnA
WF8A h``o oc` WF8 m`lpdm`h`ion ji LHF=97<<4:8A F\mmtdib o`no :777D k`\f ^pmm`io ajm 87hnB
WF9A h``o oc` WF9 m`lpdm`h`ion ji LHF=97<<4:8A O\fdib o`noA95<MD687hn3 ^\mmtdib o`no ;5<MD 687hnB
WF:A h``o oc` WF: m`lpdm`h`ion ji LHF=97<<4:8A O\fdib o`noA:MD687hn3 ^\mmtdib o`no =MD687hn5
88<U75;
985<U75:
9<5<U75:
>5<U759
=49U758
:475=;U758<
:49<5<U75;
948:5>U759
:4885?U759



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com