Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE23-A/12-3DT1-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE23-A/12-3DT1-R
Description  MINIATURE 3-PHASES RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE23-A/12-3DT1-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE23-A/12-3DT1-R Datasheet HTML 1Page - Hongfa Technology HFE23-A/12-3DT1-R Datasheet HTML 2Page - Hongfa Technology HFE23-A/12-3DT1-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
89>
Fjdg kjr`m
7LPEO, Yc`i m`lpdmdib joc`m ijhdi\g qjgo\b`3 nk`^d\g jm_`m \ggjr`_5
Gd`g`^omd^
nom`iboc
Ucj^f
m`ndno\i^`
KQPJID THND[
LUQ@7783 LUQ6VU8=@;@ 3 LUQ8;7783 QKUDU8?7783 LHFS SF 7?7777 FHTVLILHG
1EBPQNEO
Udibg` ^jdg g\o^cdibA Dkkmjs5 <Y
Gjp]g` ^jdgn g\o^cdibA Dkkmjs5 87Y
978< T`q5 8577
310*+
6474-<=:0 +}93-;0; :05-A
:D3 :E3 :UK3 :UG
DbUiQ9
897D 9:7XDF
;;7XDF
897D
9>=77XD
8s87<QRU
V :4kc\n`n g\o^cdib m`g\t
V 897D nrdo^cdib ^\k\]dgdot \o T`n5gj\_
V D^^jm_dib oj oc` a\pgo ^pmm`io \i_ `g`^omd^\g gda` o`no
ja LHF =97<<4:8A WF83 WF93 WF: 0kg`\n` n``
]`gjr o\]g` \i_ ijo`n91
V K`\qt gj\_ pk oj 9>5=fXD
V ;fX _d`g`^omd^ nom`iboc 0]`or``i ^jdg \i_ ^jio\^on1
V Hiqdmjih`io\g amd`i_gt kmj_p^o 0TjKU ^jhkgd\io1
V Qpogdi` Gdh`indjinA 088<57 s <;57 s 9;571 hh
Fjio\^o \mm\ib`h`io
Fjio\^o h\o`md\g
Fjio\^o m\odib 0T`n5 gj\_1
O\s5 nrdo^cdib qjgo\b`
O\s5 nrdo^cdib ^pmm`io
O\s5 nrdo^cdib kjr`m
O`^c\id^\g `i_pm\i^`
.87<-.< /-<-
.845
.845 /-<-
Rd^f4pk
Xjgo\b`
XGF
h\s5
Rpgn`
Gpm\odji
hn
hdi5
Fjdg T`ndno\i^`
s08 87-1
Pjhdi\g
Xjgo\b`
XGF
\o 9:
.3-:-.<0:4;<4.;
8777O 0\o <77XGF1
;777XDF 8 hdi
9<77XDF 8 hdi
?hh
97hn h\s5
97hn h\s5
@?h6n9
@?7h6n9
87Ku oj <<Ku 85<hh GD
<- oj ?<- TK
4;7jFoj?<jF
SF
Dkkmjs5:77b
Gpno kmjo`^o`_
Linpg\odji m`ndno\i^`
E`or``i ^jdg . ^jio\^on
E`or``i jk`i ^jio\^on
Fm``k\b` _dno\i^`
Qk`m\o` odh` 0\o ijhd5 qjgo51
T`g`\n` odh` 0\o ijhd5 qjgo51
Ipi^odji\g
G`nomp^odq`
Xd]m\odji m`ndno\i^`
Kphd_dot
Dh]d`io o`hk`m\opm`
V`mhdi\odji
Wido r`dbco
Fjinomp^odji
=
@
89
9;
;?
=
@
89
9;
;?
;5?
>59
@5=
8@59
:?5;
;5?
>59
@5=
8@59
:?5;
>
8=
9@
88<
;=7
:5<2:5<
?2?
8;5<28;5<
<>5<2<>5<
9:729:7
877
877
877
877
877
877
877
877
877
877
Fjio\^o m`ndno\i^`
Udibg` ^jdg
g\o^cdib
Gjp]g` ^jdgn
g\o^cdib
7LPEO, Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
Vtk5A75:<h h\s5 0\o 877D1081
T`h\mfAHg`^omd^\g `i_pm\i^` h``o LHF=97<<4:8 o`no m`lpdm`h`io3 _j
oc` di_p^odq` gj\_ o`no \ao`m oc` m`ndnodq` gj\_ o`no5
Qigt njh` otkd^\g m\odibn ja WF \m` gdno`_ \]jq`3 da hjm` nk`^d\g
m\odibn m`lpdm`_3 kg`\n` ^jio\^o pn5
Pjo`nA 081 Vtkd^\g q\gp`A U\hkgdib lp\iodot ajm ^jio\^o m`ndno\i^` nc\gg ijo g`nn oc\i
97 k^n3 o\f` oc` \q`m\b` q\gp` amjh < ^jiodijpn h`\npm`h`ion ajm `\^c
n\hkg`5
050.<:4.-5 07/=:-7.0
?7D
997XDF ?7D
877D
FQUwC
8
FQUwC
75;
FQUwC
8
FQUwC
75<
FQUwC
8
FQUwC
75<
:777
:777
<777
<777
<777
<777
WF
Fg\nn
Xjgo\b`
0W^1
Fgjn`
Qk`i odh`
0n1
Rjr`m
I\^ojm
Hg`^omd^\g `i_pm\i^`
0QRU1
87A97
Fpmm`io
0L^1
87D
Vjo\gA=777
Vjo\gA87777
Vjo\gA87777
;8<
0WF81
;8=
0WF91
;8>
0WF:1


Similar Part No. - HFE23-A/12-3DT1-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE23 HONGFA-HFE23 Datasheet
57Kb / 3P
MINIATURE 3-PHASES RELAY
More results

Similar Description - HFE23-A/12-3DT1-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Tyco Electronics
LNH MACOM-LNH Datasheet
83Kb / 3P
Miniature Power Relay
PT270024 MACOM-PT270024 Datasheet
387Kb / 4P
Miniature Relay
OJ-SH-105HM MACOM-OJ-SH-105HM Datasheet
72Kb / 2P
3-10 Amp Miniature,PC Board Relay
OJE-SS-112LM MACOM-OJE-SS-112LM Datasheet
78Kb / 2P
3-10 Amp Miniature, PC Board Relay
logo
Hongfa Technology
HFE35 HONGFA-HFE35 Datasheet
57Kb / 3P
MINIATURE 3-PHASES RELAY
HFE23 HONGFA-HFE23 Datasheet
57Kb / 3P
MINIATURE 3-PHASES RELAY
HFE36 HONGFA-HFE36 Datasheet
55Kb / 3P
MINIATURE 3-PHASES RELAY
HFE16 HONGFA-HFE16 Datasheet
1Mb / 3P
MINIATURE 3-PHASES RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com