Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE3512-3HT1-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE3512-3HT1-R
Description  MINIATURE 3-PHASES RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE3512-3HT1-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE3512-3HT1-R Datasheet HTML 1Page - Hongfa Technology HFE3512-3HT1-R Datasheet HTML 2Page - Hongfa Technology HFE3512-3HT1-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
899
.B63 . Ijmh E 0Gjp]g`4^jio\^o1
.B:3 . Ijmh D 0Gjp]g`4^jio\^o1
5VTUQOJS TRJHMGN HQIJ
KIH:<
89
V
4T
0ZZZ1
4:G
9
C3 DbUiQ9
?A67A;>9 ;>8?A=4C;?>
CXRJ
5QMN WQNUGLJ
5QPUGHU KQSO
5QPUGHU OGUJSMGN
A3 P`b\odq` kjg\mdot
>MNA Rjndodq` kjg\mdot
@QNGSMUX
BQSU
,3 Udibg` ^jdg g\o^cdib
-3 Gjp]g` ^jdgn g\o^cdib
Qpogdi` Gdh`indjin
?DC<;>7 6;=7>B;?>B* E;A;>9 6;49A4=
WidoA hh
=3@3893 9;3 ;?XGF
>QUJT3 81 :K3:UK h`\in oc\o m`g\t dn ji oc` ,m`n`o, no\opn rc`i _`gdq`mtB :G3:UG h`\in oc\o m`g\t dn ji oc` ,n`o, no\opn rc`i _`gdq`mt5La ij nk`d^\g
m`lpdm`_ ]t ^pnojh`m3r` rdgg f``k oc` m`g\t ji oc` ,n`o, no\opn rc`i _`gdq`mt5
81
91 Rg`\n` h\f` ^g`\m tjpm o`^cid^\g m`lpdm`h`ion3\i_ ^cjjn` amjh oc` ajggjrdib : WF m\odibnA
WF8A h``o oc` WF8 m`lpdm`h`ion ji LHF=97<<4:8A F\mmtdib o`no :777D k`\f ^pmm`io ajm 87hnB
WF9A h``o oc` WF9 m`lpdm`h`ion ji LHF=97<<4:8A O\fdib o`noA95<MD687hn3^\mmtdib o`no ;5<MD 687hnB
WF:A h``o oc` WF: m`lpdm`h`ion ji LHF=97<<4:8A O\fdib o`noA:MD687hn3^\mmtdib o`no =MD687hn5
8: 9
89?
7
4759
<Z759
87Z759
:475=;
89Z758
}/,0~3 WF8 }/,1~3 WF9 }/,2~3 WF:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com