Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV7/012-H4SPTM-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV7/012-H4SPTM-R
Description  AUTOMOTIVE RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV7/012-H4SPTM-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFV7/012-H4SPTM-R Datasheet HTML 1Page - Hongfa Technology HFV7/012-H4SPTM-R Datasheet HTML 2Page - Hongfa Technology HFV7/012-H4SPTM-R Datasheet HTML 3Page - Hongfa Technology HFV7/012-H4SPTM-R Datasheet HTML 4Page - Hongfa Technology HFV7/012-H4SPTM-R Datasheet HTML 5Page - Hongfa Technology HFV7/012-H4SPTM-R Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
`e]cn]i :
`e]cn]i ;
`e]cn]i <
:3 Gknnaolkj`o pk pda la]g ejnqod _qnnajp kj ejepe]h ]_pq]pekj7
;3 Vda hk]` ej pda p]^ha at_hq`ao bh]odan7 Ydaj ]llhea` ej bh]odan5 ] ola_e]h oehran ]hhku 2EcUjQ;3 _kjp]_p i]pane]h odkqh` ^a qoa` ]j` pda _qopkian
ola_e]h _k`a odkqh` ^a 2:@93 ]o ] oqbbet7 Rha]oa daa` pda ]jk`a ]j` _]pdk`a1o namqaop sdaj sena`5 paniej]h <9 odkqh` _kjja_p sepd ]jk`a7
<3 Vda hk]` senejc `e]cn]io ]na heopa` ^ahksC
B?
2ZZZ3
A?L:C SG pula
A?L:4GC RGF pula
<_]^ZXR\ ][RPVOW PZQR
=3 Nk]`o iajpekja` ej pdeo _d]np eo bkn nah]uo sepd jk l]n]hhah `ek`a kn \ajan Hek`a7 Jkn pdkoa sepd l]n]hhah `ek`a5 \ajan Hek`a kn kpdan _kilkjajpo5
lha]oa _kjp]_p Lkjcb] bkn ikna pa_dje_]h oqllknpo7
Rha]oa ]hok _kjp]_p Lkjcb] eb pda ]_pq]h ]llhe_]pekj hk]` eo `ebbnajp bnki sd]p iajpekja` ]^kra`7
:3 Hqop lnkpa_pa` ranoekj eo na_kiiaj`a`7
;3 Gkjp]_p eo na_kiiaj`a` bkn oqep]^ha _kj`epekj ]j` ola_ebe_]pekjo eb s]pan _ha]jejc kn oqnb]_a lnk_aoo eo ejrkhra` ej ]ooai^hejc nah]uo kj RGF7
<3 Mb l]n]hhah `ek`a5 \ajan Hek`a kn kpdan _kilkjajpo ]na namqena`5 lha]oa _kjp]_p Lkjcb] bkn ikna pa_dje_]h oqllknpo7
N]il
Taoeopera
?
?
:;
:;
;=
;=
?
?
:;
:;
;=
;=
<7?
<7?
@7;
@7;
:=7=
:=7=
<7?
<7?
@7;
@7;
:=7=
:=7=
97?
97?
:7;
:7;
;7=
;7=
97?
97?
:7;
:7;
;7=
;7=
;;7>
;;7>
B9
B9
<?9
<?9
:A
:A
@;
@;
;AA
;AA
:7?
:7A
:7?
:7A
:7?
:7A
;79
;7;
;79
;7;
;79
;7;
]p ;<
]p A>
:9
B
;:
:A
=<
<?
B
B
:B
:A
<B
<?
B
B
:A
:A
<=
<=
@
@
:=
:=
;A
;A
666
:A9
666
?A9
666
;@99
666
:A9
666
?A9
666
;@99
666
;9
666
@B7>
666
<:@7?
666
:?7=
666
?>7:
666
;?97;
:3 O]t7 ]hhks]^ha kran`nera rkhp]ca eo op]pa` sepd jk hk]` ]llhea`7
Up]j`]n`
Lecd lksan
_kjoqilpekj
O]t7 ]hhks]^ha kran`nera
rkhp]ca :3 XHG
t2: :9/3
t2: >/3
<9
A@
Mj`q_pera
<9
A@
<9
A@
T
HC R]n]hhah pn]joeajp oqlnaooekj naoeopkno
=C R]n]hhah pn]joeajp oqlnaooekj `ek`a5 sepd ]jk`a _kjja_pa` pk paniej]h.A>
=6C R]n]hhah pn]joeajp oqlnaooekj `ek`a5 sepd ]jk`a _kjja_pa` pk paniej]h.A?
EVWC Yepdkqp l]n]hhah _kilkjajpo
FH=>HBE@ BE?FHD;JBFE
LJX@ 8
L
U
9:;6
6T
V
R
O
2N3
=
8C Rh]ope_ Fn]_gap 9C Oap]h Fn]_gap
EVWC Pk Fn]_gap
<ZVW `ZW^OTR 559C ?XHG 567C :;XHG 578C ;=XHG
Jb[R
<ZY^OP^ O\\OYTRXRY^
AC : Jkni E
a7c7 2:@93 op]j`o bkn bh]odan hk]`
CZOQ ^b[R
2C3C Nks hk]` pula =9E 2Qjhu bkn :;XHG ]j` SG pula3
EVWC Up]j`]n` pula @9E
<ZY^OP^ XO^R\VOW
JC EcUjQ;
<ZY]^\_P^VZY :3
IC Rh]ope_ oa]ha` ;3
EVWC Hqop lnkpa_pa`
<ZVW [ZaR\
GC Lecd lksan _kjoqilpekj
EVWC Up]j`]n`
CRYT^U ZS ^R\XVYOW
DC Udknp paniej]h 0 SG pula :=7>ii
EVWC Nkjc paniej]h 0 SG pula :@ii5 kn RGF pula
R]n]hhah
naoeop]j_a
Imqer]hajp
naoeop]j_a
Gkeh
naoeop]j_a
Pkiej]h
rkhp]ca
XHG
Re_g6ql
rkhp]ca
XHG
i]t7
Hnkl6kqp
rkhp]ca
XHG
iej7
Rksan
_kjoqilpekj
Y
<FBC =;J;
]p ;<
LR\]VZY
GO\OWWRW PZVW <3
PZX[ZYRY^]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com