Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV16/12-H1TY-R Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFV16/12-H1TY-R
Description  AUTOMOTIVE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV16/12-H1TY-R Datasheet(HTML) 4 Page - Hongfa Technology

  HFV16/12-H1TY-R Datasheet HTML 1Page - Hongfa Technology HFV16/12-H1TY-R Datasheet HTML 2Page - Hongfa Technology HFV16/12-H1TY-R Datasheet HTML 3Page - Hongfa Technology HFV16/12-H1TY-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dh]d`io o`hk`m\opm` ^pmq` ja oc` `g`^omd^\g `i_pm\i^` o`no
93 Uc` hdidhph o`hk`m\opm` dn 5<8 6
:3 Uc` h\sdhph o`hk`m\opm` dn 9:= 6
Gdn^g\dh`m
Uc` nk`^dad^\odji dn ajm m`a`m`i^` jigt6 T`` oj -U`mhdijgjbt \i_ Jpd_`gdi`n- ajm hjm` diajmh\odji6 Tk`^dad^\odjin np]e`^o oj ^c\ib` rdocjpo ijod^`6
Li ^\n` oc`m` dn nk`^dad^ ^mdo`mdji 2np^c \n hdnndji kmjadg`4 o`^cid^\g nk`^dad^\odji4 QQDQ `o^63 ^c`^f`_ \i_ \bm``_ ]t \i_ ]`or``i ^pnojh`m \i_ Kjiba\4
ocdn nk`^dad^ ^mdo`mdji ncjpg_ ]` o\f`i \n no\i_\m_ m`b\m_dib \it m`lpdm`h`io ji Kjiba\ kmj_p^o6
X` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mt kjnnd]g` \kkgd^\odji6 Ucpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj ^cjjn`
oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji6 La oc`m` dn \it lp`mt4 kg`\n` ^jio\^o Kjiba\ ajm oc` o`^cid^\g n`mqd^`6 Kjr`q`m4 do dn oc` pn`myn m`nkjind]dgdot
oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt6
v Yd\h`i Kjiba\ Hg`^omj\^jpnod^ Fj64 Mo_6 Dgg mdbcon ja Kjiba\ \m` m`n`mq`_6
05/</0>2<6=>60 0?<@2=
A<
Udh` 2c3
9=8
8
:
< =?
A
99
9;
9=9?
9A
:9 ::
9:=
988
?=
=8
:=
8
5:=
5=8
9
;
>
@
98
9:
9<
9>
9@
:8
:; :<
Dh]d`io o`hk6 ^pmq` 2ji` ^t^g`3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com