Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV28/12-Z5ST-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV28/12-Z5ST-R
Description  AUTOMOTIVE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV28/12-Z5ST-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFV28/12-Z5ST-R Datasheet HTML 1Page - Hongfa Technology HFV28/12-Z5ST-R Datasheet HTML 2Page - Hongfa Technology HFV28/12-Z5ST-R Datasheet HTML 3Page - Hongfa Technology HFV28/12-Z5ST-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
667
/C@MNKCL
:PJEA@F *JJFEA@MEIHL
BfekXZk XiiXe^\d\ek
J`e3 ZfekXZk cfX[
Dc\Zki`ZXc \e[liXeZ\
J\Z_Xe`ZXc \e[liXeZ\
6@1 6B
KL?Qpg385dS17:5dS dXo3/Xk 65@0
KB?Qpg3:5dS17:5dS dXo3/Xk 65@0
95@ /Xk 67: 1 6_0
JXb\/KL0? 6:5@ 70
Ai\Xb/KL0? 8:@ /O\j`jk`m\1 683:SCB0
6@ ;SCB
P\\ +BLKQ@BQ C@Q@+
6o65< LMP 855LMP4d`e
655J /Xk :55SCB0
Y\kn\\e ZfekXZkj? :55S@B
Y\kn\\e Zf`c . ZfekXZkj? :55S@B
Qpg3? ;dj
JXo3? 65dj /Xk efd`3 mfc30
Qpg3? 8dj
JXo3? 65dj 90
295 kf 67:
C`\c\Zki`Z jki\e^k_ 80
SfckX^\ [ifg /`e`k`Xc0
JXo3jn`kZ_`e^ Zlii\ek
O\c\Xj\ k`d\
S`YiXk`fe i\j`jkXeZ\ :0
Q\id`eXk`fe
BfejkilZk`fe
Re`k n\`^_k
65Gq kf 95Gq 637<dd C@
95Gq kf <5Gq 9>d4j7
<5Gq kf 655Gq 53:dd C@
655Gq kf :55Gq >=d4j7
6>;d4j7
RI>92GA fi Y\kk\i /d\\kj EJSPP 8570
73=dd NB
McXjk`Z j\Xc\[1 Cljk gifk\Zk\[
@ggifo3 7=^ /jkXe[Xi[ kpg\0
Zfm\i i\k\ek`fe /glcc . glj_0? 755K d`e3
k\id`eXc i\k\ek`fe /glcc . glj_0? 655K d`e3
k\id`eXc i\j`jkXeZ\ kf Y\e[`e^
/]ifek . j`[\0? 65K d`e3 <0
60 Efi KL ZfekXZkj1 d\Xjli\[ n_\e Xggcp`e^ 655- iXk\[ mfkX^\ fe Zf`c3
70 Heilj_ g\Xb Zlii\ek le[\i cXdg cfX[1 Xk 683:SCB3
80 6d`e1 c\XbX^\ Zlii\ek c\jj k_Xe 6d@3
90 Q_\ mXcl\ `j d\Xjli\[ n_\e mfckX^\ [ifgj jl[[\ecp ]ifd efd`eXc
mfckX^\ kf 5 SCB Xe[ Zf`c `j efk gXiXcc\c\[ n`k_ jlggi\jj`fe Z`iZl`k3
:0 T_\e \e\i^`q\[1 fg\e`e^ k`d\ f] KL ZfekXZkj j_Xcc efk \oZ\\[ 6dj1
n_\e efe2\e\i^`q\[1 fg\e`e^ k`d\ f] KB ZfekXZkj j_Xcc efk \oZ\\[
6dj1 d\Xek`d\1 KL ZfekXZkj j_Xcc efk Y\ Zcfj\[3
;0 EJSPP? E\[\iXc Jfkfi S\_`Zc\ PX]\kp PkXe[Xi[3
<0 Q\jk gf`ek `j Xk 7dd XnXp ]ifd k\d`eXc \e[1 Xe[ X]k\i i\dfm`e^ k\jk`e^
]fiZ\1 k_\ k\id`eXc kiXej]`^liXk`fe j_Xcc efk \oZ\\[ 53:dd3
EcXddXY`c`kp ;0
8:
8:
8:
8:
75
75
6s65:
77
O\j`jk`m\
JXb\
Ai\Xb
P\\
[`X^iXd 6
IfX[
mfckX^\
IfX[ kpg\
Le4L]] iXk`f
Le
j
L]]
j
BfekXZk
dXk\i`Xc
Dc\Zki`ZXc
\e[liXeZ\
LMP
6B
6@
IfX[ Zlii\ek @
IfX[ n`i`e^
[`X^iXd 60
JXb\
Ai\Xb
JXb\
Ai\Xb
=5
88
6:5
85
6:5
85
=5
88
7
7
7
7
6s65:
6s65:
P\\
[`X^iXd 7
P\\
[`X^iXd 8
22
22
22
22
He[lZk`m\
IXdg
GLKFE@ ODI@V
HPL>5561 HPL4QP6;>9> 1 HPL695561 LGP@P6=5561 HDBN NB 5=5555 BDOQHEHDC
7569 O\m3 6356
@dY`\ek
k\dg3
1/<{~
,1*8*,:.829:2,9
S Dok\e[\[ k\dg3 iXe^\ lg kf 67:
S 6 Efid @ . 6 Efid B ZfekXZk XiiXe^\d\ek
S 73=dd NB k\id`eXcj
S OfGP . DISZfdgc`Xek
*;:646:2<. 8.3*>
G\X[c`^_k Zfekifc1 El\c gldg Zfekifc1 Gfie Zfekifc1
@4B Zfdgi\jjfi ZclkZ_
,65:*,: -*:* 70
JXo3Zfek`elflj Zlii\ek 60
Lg\iXk\ k`d\
He`k`Xc `ejlcXk`fe i\j`jkXeZ\
@dY`\ek k\dg\iXkli\
P_fZb i\j`jkXeZ\ :0
J\Z_Xe`ZXc [XkX
@^PeL7
683:SCB
KL
KB
KL
@^PeL7
@^PeL7
P\\
@dY`\ek
k\dg3
Zlim\


Similar Part No. - HFV28/12-Z5ST-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV11 HONGFA-HFV11 Datasheet
46Kb / 2P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11 Datasheet
49Kb / 3P
AUTOMOTIVE RELAY
HFV11/12-HRXXX HONGFA-HFV11/12-HRXXX Datasheet
46Kb / 2P
AUTOMOTIVE RELAY
HFV11/12-HS-R HONGFA-HFV11/12-HS-R Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
HFV11/12-HSRXXX HONGFA-HFV11/12-HSRXXX Datasheet
46Kb / 2P
AUTOMOTIVE RELAY
More results

Similar Description - HFV28/12-Z5ST-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com