Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196 Datasheet(PDF) 13 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 9Page - Intel Corporation 87C196 Datasheet HTML 10Page - Intel Corporation 87C196 Datasheet HTML 11Page - Intel Corporation 87C196 Datasheet HTML 12Page - Intel Corporation 87C196 Datasheet HTML 13Page - Intel Corporation 87C196 Datasheet HTML 14Page - Intel Corporation 87C196 Datasheet HTML 15Page - Intel Corporation 87C196 Datasheet HTML 16Page - Intel Corporation 87C196 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
87C196CA87C196CB
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
b
60 Cto a150 C
Voltage from VPP or EA to
VSS or ANGND
b
05V to a130V
Voltage from Any Other Pin
to VSS or ANGND
b
05 to a70V
This includes VPP on ROM and CPU devices
Power Dissipation10W
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development The specifications are subject to
change without notice Verify with your local Intel
Sales office that you have the latest data sheet be-
fore finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
TA
Ambient Temperature Under Bias
b
40
a
125
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V
FOSC
Oscillator Frequency
4
20
MHz(4)
NOTE
ANGND and VSS should be nominally at the same potential
DC CHARACTERISTICS (Under Listed Operating Conditions)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
VCC Supply Current
XTAL1 e 20 MHz
(b40 Cto a125 C Ambient)
VCC e VPP e VREF e 55V
CA (While device in Reset)
90
mA
CB
100
mA
IREF
AD Reference Supply Current
5
mA
IIDLE
Idle Mode Current
XTAL1 e 20 MHz
CA VCC e VPP e VREF e 55V
40
mA
CB
35
mA
IPD
Powerdown Mode Current
VCC e VPP e VREF e 55V(6 9)
50
TBD
m
A
VIL
Input Low Voltage (all pins)
For PORT0(8)
b
05V
03 VCC
V
VIH
Input High Voltage
For PORT0(8)
07 VCC
VCC a 05
V
VOL
Output Low Voltage
IOL e 200 mA(35)
03
V
(Outputs Configured as
IOL e 32 mA
045
V
Complementary)
IOL e 70 mA
15
V
VOH
Output High Voltage
IOH eb200mA(35)
VCC b 03
V
(Outputs Configured as
IOH eb32 mA
VCC b 07
V
Complementary)
IOH eb70 mA
VCC b 15
V
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com