Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV28/24-Z5ST-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV28/24-Z5ST-R
Description  AUTOMOTIVE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV28/24-Z5ST-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFV28/24-Z5ST-R Datasheet HTML 1Page - Hongfa Technology HFV28/24-Z5ST-R Datasheet HTML 2Page - Hongfa Technology HFV28/24-Z5ST-R Datasheet HTML 3Page - Hongfa Technology HFV28/24-Z5ST-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
60 Q_\ cfX[ n`i`e^ [`X^iXdj Xi\ c`jk\[ Y\cfn /OXk`e^j f] KL1 KB Xi\ k\jk\[ YXj\[ fe [`]]\i\ek jXdgc\j j\g\iXk\cp0 ?
70 IfX[j d\ek`fe\[ `e k_`j Z_Xik `j ]fi i\cXpj n`k_ ef gXiXcc\c [`f[\ fi W\e\i C`f[\3 Efi k_fj\ n`k_ gXiXcc\c [`f[\1 W\e\i C`f[\ fi fk_\i Zfdgfe\ekj1
gc\Xj\ ZfekXZk Gfe^]X ]fi dfi\ k\Z_e`ZXc jlggfikj3
Mc\Xj\ Xcjf ZfekXZk Gfe^]X `] k_\ XZklXc Xggc`ZXk`fe cfX[ `j [`]]i\ek ]ifd n_Xk d\ek`fe\[ XYfm\[3
Llkc`e\ C`d\ej`fej
/Afkkfd m`\n0
,NLMIGCK LJCAE@F AIBC
85
=<
He[lZk`m\
=<
85
[`X^iXd 7
[`X^iXd 8
IXdg
85
=;
=<
=<X
=:
79
79
6939
6939
739
739
8;5
8;5
222
7<55
222
86<3;
63;
63=
97
8;
89
89
60 JXo3 XccfnXYc\ fm\i[i`m\ mfckX^\ `j jkXk\[ n`k_ ef cfX[ Xggc`\[3
67
67
<37
<37
637
637
>5
>5
63;
63=
76
6=
6=
6=
222
;=5
222
<>3:
Xk 78
Xk =:
JXo3 XccfnXYc\ fm\i[i`m\
mfckX^\ 60 SCB
o/6 65-0
o/6 :-0
8? MXiXcc\c kiXej`\ek jlgi\jj`fe i\j`jkfij
-z? MXiXcc\c kiXej`\ek jlgi\jj`fe [`f[\1 n`k_ Xef[\ Zfee\Zk\[ kf k\id`eXc,=;
-{? MXiXcc\c kiXej`\ek jlgi\jj`fe [`f[\1 n`k_ Xef[\ Zfee\Zk\[ kf k\id`eXc,=:
5EF? T`k_flk gXiXcc\c Zfdgfe\ekj
GES7=4672W¡ı¡ıQ2¡ı/UUU0
6;:325. -24.592659 *5- =28250 -2*08*4
:
,623 -*:*
Xk 78
MXiXcc\c
i\j`jkXeZ\
Dhl`mXc\ek
i\j`jkXeZ\
Bf`c
i\j`jkXeZ\
Kfd`eXc
mfckX^\
SCB
M`Zb2lg
mfckX^\
SCB
dXo3
Cifg2flk
mfckX^\
SCB
d`e3
Mfn\i
Zfejldgk`fe
T
<CKLEIH
GES7= 4 67 2G
2O
/UUU0
Q
,IHM@AM G@MCKE@F
,IEF OIFM@DC
z{? 67SCB {|? 79SCB
68-.8250 25/684*:265
:PJC
,IHM@AM @KK@HDCGCHM
1? 6 Efid @
?? 6 Efid B
P
,IHLMKNAMEIH
9? McXjk`Z j\Xc\[
5EF? Cljk gifk\Zk\[
}? T\Xk_\igiff] Bfm\i /Lecp ]fi [ljk gifk\Zk\[ kpg\0
5EF? PkXe[Xi[ kpg\
:? @^PeL7
668
Re`k? dd
7= 53:
7= 53:
73= 537
53= 535:
6;37 537
O\j`jk`m\
85
=<
=<X
85
O
O
[`X^iXd 6
7@K@FFCF AIEF
AIGJIHCHML



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com