Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE28-140/6-2HT2-R Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFE28-140/6-2HT2-R
Description  HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE28-140/6-2HT2-R Datasheet(HTML) 3 Page - Hongfa Technology

  HFE28-140/6-2HT2-R Datasheet HTML 1Page - Hongfa Technology HFE28-140/6-2HT2-R Datasheet HTML 2Page - Hongfa Technology HFE28-140/6-2HT2-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tchaf_ ]icf
f[n]bcha
Gio\f_ ]icfm
f[n]bcha
8041 :021
m_n 0ih1
:041 8021
l_m_n 0i``1
8041 9021
m_n 0ih1
:041 9021
l_m_n 0i``1
:
8
:
8
9
D
D
@59
>5?
@
N< Y 75?
85<
D4D
Ficf Xclcha Gc[al[g
?;
85 S_f[s cm ih nb_ yl_m_nz il ,m_n, mn[nom qb_h \_cha l_f_[m_^ `lig mni]e3 qcnb nb_ ]ihmc^_l[ncih i` mbi]e lcm_h `lig nl[hmcn [h^ l_f[s
giohncha3 l_f[s qiof^ \_ ]b[ha_^ ni ym_nz il ,l_m_n, mn[nom3 nb_l_`il_3 qb_h [jjfc][ncih 0]ihh_]ncha nb_ jiq_l mojjfs13 jf_[m_
l_m_n nb_ l_f[s ni ym_nz il yl_m_nz mn[nom ih l_ko_mn5
95 Lh il^_l ni g[chn[ch ym_nz il yl_m_nz mn[nom3 _h_lact_^ pifn[a_ ni ]icf mbiof^ l_[]b nb_ l[n_^ pifn[a_3 cgjofm_ qc^nb mbiof^ \_ <
ncg_m gil_ nb[h ym_nz il yl_m_nz ncg_5 Gi hin _h_lact_ pifn[a_ ni ym_nz ]icf [h^ yl_m_nz ]icf mcgofn[h_iomfs5 Dh^ [fmi fiha _h_lact_^
ncg_ 0gil_ nb[h 8 gch1 mbiof^ \_ [pic^_^5
:5 Ub_ n_lgch[fm i` l_f[s qcnbion nqcmn_^ ]ijj_l qcl_ ][h hin \_ nch4mif^_l_^3 ][h hin \_ gip_^ qcff`offs5
;5 S_f[sm om_^ `il g_n_lcha g_[molcha [jjfc][ncihm [l_ omo[ffs g[^_ qcnb ^omn jlii` mnlo]nol_3 qbcf_ gimn l_f[sm ]iof^ \_ g[^_
mj_]c[ffs j_l ]omnig_l/m mj_]c`c] l_kocl_g_hnm5Oi fiha_l nb[h = gihnbm/ mnil[a_ ncg_ cm l_]igg_h^_^ `il nbcm ech^ i` l_f[s3
[h^ jf_[m_ j[s [nn_hncih ni nb_ mnil[a_ _hpclihg_hn5 Ui _hmol_ ]ihn[]n l_fc[\cfcns3 q_ qcff e__j ]ihn[]n mn[nom \_ ]fim_^ qb_h
^_fcp_ls c` hi mj_]c[f l_kocl_^ \s ]omnig_l5
8LPHCE
F[a_ Ff[hj U_lgch[f
u Yc[g_h Kiha`[ Hf_]nli[]iomnc] Fi53 Mn^5 Dff lcabnm i` Kiha`[ [l_ l_m_lp_^5
Gcm]f[cg_l
Ub_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs5 T__ ni ,U_lgchifias [h^ Joc^_fch_m, `il gil_ ch`ilg[ncih5 Tj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_5
X_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih5 Ubom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih5 L` nb_l_ cm [hs ko_ls3 jf_[m_ ]ihn[]n Kiha`[ `il nb_ n_]bhc][f m_lpc]_5 Kiq_p_l3 cn cm nb_ om_l/m
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs5
9>=6581 05718<598< .80 ?5;583 05.3;.7
VhcnA gg
Qimcncp_ jif[lcns
O_a[ncp_ jif[lcns
8021 :041
m_n 0ih1
:021 8041 l_m_n 0i``1
Tchaf_ ]icf
f[n]bcha
8021 9041
m_n 0ih1
:021 9041
l_m_n 0i``1
:
8
:
8
9
Gio\f_ ]icfm
f[n]bcha



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com