Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE28-280/6-2HT2-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE28-280/6-2HT2-R
Description  HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE28-280/6-2HT2-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE28-280/6-2HT2-R Datasheet HTML 1Page - Hongfa Technology HFE28-280/6-2HT2-R Datasheet HTML 2Page - Hongfa Technology HFE28-280/6-2HT2-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8LPEO- 81 9K3 9TK g_[hm nb[n l_f[s cm ih nb_ ,l_m_n, mn[nom qb_h ^_fcp_lsB 9G3 9TG g_[hm nb[n l_f[s cm ih nb_ ,m_n, mn[nom qb_h ^_fcp_ls5L` hi
mj_c][f l_kocl_^ \s ]omnig_l3q_ qcff e__j nb_ l_f[s ih nb_ ,m_n, mn[nom qb_h ^_fcp_ls5
81
91 Qf_[m_ g[e_ ]f_[l siol n_]bhc][f l_kocl_g_hnm3 [h^ ]biim_ `lig nb_ `iffiqcha :VF l[nchamA
VF8A g__n nb_ VF8 l_kocl_g_hnm ih LHF=97<<4:8A F[llscha n_mn 9;77D j_[e ]oll_hn `il 87gmB
VF9A g__n nb_ VF9 l_kocl_g_hnm ih LHF=97<<4:8A N[echa n_mnA95<eD687gm3 ][llscha n_mn ;5<eD 687gmB
VF:A g__n nb_ VF: l_kocl_g_hnm ih LHF=97<<4:8A N[echa n_mnA:eD687gm3 ][llscha n_mn =eD687gm5
8
9
:
9:5<
;5<
8:5= 895<
;5?
>59
>5?
87
@77
895<
;
958
F[a_ Ff[hj U_lgch[f
Oin_mWnif_l[h]_ mbiof^ \_ v759gg
Ubcm cm m[gjfcha l_mcmn[h]_
*0- 9 Iilg E 0Tchaf_4]ihn[]n1
*4- 9 Iilg D 0Tchaf_4]ihn[]n1
*<0- 9 Iilg E 0Gio\f_4]ihn[]n i` 9 Iilg E1
*<4- 9 Iilg D 0Gio\f_4]ihn[]n i` 9 Iilg D1
Ponfch_ Gcg_hmcihm
S_g[leA Lh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcihA ionfch_ ^cg_hmcih U8gg3 nif_l[h]_ mbiof^ \_ v759ggB ionfch_ ^cg_hmcih
X8gg [h^ U<gg3 nif_l[h]_ mbiof^ \_ v75:ggB ionfch_ ^cg_hmcih X<gg3 nif_l[h]_ mbiof^ \_ v75;gg5
?:
81
8?
9:
8?
8:5>
;@58
87
>;5?
<;
<7
885<
@
759
94x ;59
9;01;583 5829;7.=598
=SME
KIH9?
/LHI RLIPBGE
689
9
0YYY1
49G
/LKPBCP FLNJ
U
=- DaThP9
/LKPBCP JBPENHBI
4S
<LNP
~- Tchaf_ ]icf f[n]bcha
*- Gio\f_ ]icfm f[n]bcha
;- O_a[ncp_ jif[lcns
8HI- Qimcncp_ jif[lcns
:LIBNHPS
9>=6581 05718<598< .80 ?5;583 05.3;.7
VhcnA gg
~+}- 8;7w
*,}- 9?7w
8HI- Xcnbion m[gjfcha l_mcmn[h]_
=3 893 9;3 ;?WGFB 9:7WDF
48;7
<BJMIHKG
NEOHOPEKCE
<MECHBI CLDE91 :1
@@@- Fomnig_l mj_]c[f l_kocl_g_hn
:1 Ub_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Kiha`[5 _5a5 0;8<1 mn[h^m `il VF8B _5a5 0;8=1 mn[h^m `il
VF9B _5a5 0;8>1 mn[h^m `il VF:5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com