Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196KC Datasheet(PDF) 21 Page - Intel Corporation

Part # 87C196KC
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196KC Datasheet(HTML) 21 Page - Intel Corporation

Back Button 87C196KC Datasheet HTML 13Page - Intel Corporation 87C196KC Datasheet HTML 14Page - Intel Corporation 87C196KC Datasheet HTML 15Page - Intel Corporation 87C196KC Datasheet HTML 16Page - Intel Corporation 87C196KC Datasheet HTML 17Page - Intel Corporation 87C196KC Datasheet HTML 18Page - Intel Corporation 87C196KC Datasheet HTML 19Page - Intel Corporation 87C196KC Datasheet HTML 20Page - Intel Corporation 87C196KC Datasheet HTML 21Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AUTOMOTIVE 87C196KD
8XC196KD ERRATA
1 It is possible for the device to fail to recognize an
interrupt on EXTINIT for both P22 and P07 and
NMI The problem is most likely to occur on P07
while the device is operating at low voltage
(k47V) high frequency (16 MHz) and high tem-
perature (l85 C) There is a window of about
2 ns near clockout falling during which these in-
terrupts may be missed
2 In Mode 0 the serial port does not work if the
highest baud rate is selected (SP
BAUD e
8001h) Data shifted into the device will not be
correctly read at this baud rate
DATASHEET REVISION HISTORY
The following are the key differences between this
datasheet and the -005 version
1 The ‘‘preliminary’’ status was dropped and re-
placed with production status (no label)
Trademarks were updated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com