Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE27-A/3-1ZTG-L2-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE27-A/3-1ZTG-L2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE27-A/3-1ZTG-L2-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE27-A/3-1ZTG-L2-R Datasheet HTML 1Page - Hongfa Technology HFE27-A/3-1ZTG-L2-R Datasheet HTML 2Page - Hongfa Technology HFE27-A/3-1ZTG-L2-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
y 8=C3 9<C mqcn]bcha ][j[\cfcns
y L[n]bcha l_f[s
y M[ho[f mqcn]b `oh]ncih [p[cf[\f_
y Fc_f_]nlc] mnl_hanbA gil_ nb[h ;eV
0\_nq__h ]icf [h^ ]ihn[]nm1
y Ghpclihg_hn[f `lc_h^fs jli^o]n 0RiJS ]igjfc[hn1
y Oonfch_ Fcg_hmcihmA 0==5> r <857 r 8:5=1gg
Gf_]nlc][f _h^ol[h]_
0CaShO91
6LPEO* Tb_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
:=
0EBPQNEO
Eicf jiq_l
Eihn[]n [ll[ha_g_hn
Eihn[]n l_mcmn_h]_
Eihn[]n g[n_lc[f
Eihn[]n l[ncha 0R_m5 fi[^1
M[r5 mqcn]bcha pifn[a_
M[r5 mqcn]bcha ]oll_hn
M[r5 mqcn]bcha jiq_l
M[r5 ]ihnchoiom ]oll_hn
M_]b[hc][f _h^ol[h]_
Fc_f_]nlc]
mnl_hanb
Sbi]e
l_mcmn[h]_
JONIHC RGLCY
KSO@7783 KSO6TS8=@;@ 3 KSO8;7783 OJSCS8?7783 KGEQ QE 7?7777 EGRTKHKGF
978< R_p5 8577
6LPEO* Ohfs mig_ nsjc][f l[ncham [l_ fcmn_^ [\ip_5 K` gil_ ^_n[cfm [l_
l_kocl_^3 jf_[m_ ]ihn[]n om5
R_mcmncp_A 8=C 9<7VCE
R_mcmncp_A 97C 9<7VCE
Sn[h^[l^ \[ff[mnA ?C 9<7VCE
MinilA85<JP 9<7VCE
R_mcmncp_A 8=C 9<7VCE
R_mcmncp_A 97C 9<7VCE
Sn[h^[l^ \[ff[mnA ?C 9<7VCE
ginilA85<JP 9<7VCE
Hcf_ Ni5AG8:;<8>
20/}~
8C38D38E
97g g[r50[n 8C 9;VFE1
CaShO9
8=C 9<7VCE
9<7VCE
9<C
;777VC
9<C
8r87=OPS
8777M 0[n <77VFE1
;777VCE 8gch
8<77VCE 8gch
?gg gch5
97gm g[r5
97gm g[r5
@?g6m9
@?7g6m9
87Jt ni <<Jt 85<gg FC
<- ni ?<- RJ
4;7 ni ?<
QE
Cjjlir5 :?59a
:
<
=
89
8;
9;
;?
:
<
=
89
8;
9;
;?
895?
:<5>
<85;
97<5>
9?7
?995?
:9@85;
=5;2=5;
8>5?<28>5?<
9<5>29<5>
8795?28795?
8;728;7
;885;2;885;
8=;<5>28=;<5>
@5<r87;OPS 0[n 8=C1
:r87;OPS 0[n 9<C1
5363+;<9/ 2312 87>/9 4+;-2361 9/4+@
-734
Schaf_ ]icf f[n]bchaA Cjjlir5 75>W
Fio\f_ ]icfm f[n]bchaA Cjjlir5 85;W
S_n 6 R_m_n
Vifn[a_
VFE
g[r5
Schaf_ ]icf
f[n]bcha
Eicf R_mcmn[h]_
r08 87-1
-734 .+;+
Nigch[f
Vifn[a_
VFE
[n 9:
Fio\f_ ]icfm
f[n]bcha
-76;+-; .+;+
El__j[a_ ^cmn[h]_ 0chjon ni ionjon1
Oj_l[n_ ncg_ 0[n higc5 pifn51
R_f_[m_ ncg_ 0[n higc5 pifn51
Hoh]ncih[f
F_mnlo]ncp_
Vc\l[ncih l_mcmn[h]_
Jogc^cns
Cg\c_hn n_gj_l[nol_
T_lgch[ncih
Uhcn q_cabn
Eihmnlo]ncih
-2+9+-;/93:;3-:
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
Fomn jlin_]n_^
95;
;57
;5?
@5=
8859
8@59
:?5;
95;
;57
;5?
@5=
8859
8@59
:?5;
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
Pofm_
Fol[ncih
gm
gch5
:+0/;@ +8897=+4 9+;361:
<4{-<4
8 HilgC
8 HilgE


Similar Part No. - HFE27-A/3-1ZTG-L2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE27-A/12-1Z-T-G-L2-R HONGFA-HFE27-A/12-1Z-T-G-L2-R Datasheet
65Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - HFE27-A/3-1ZTG-L2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE15 HONGFA-HFE15 Datasheet
1Mb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com