Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196 Datasheet(PDF) 2 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 2 Page - Intel Corporation

  87C196 Datasheet HTML 1Page - Intel Corporation 87C196 Datasheet HTML 2Page - Intel Corporation 87C196 Datasheet HTML 3Page - Intel Corporation 87C196 Datasheet HTML 4Page - Intel Corporation 87C196 Datasheet HTML 5Page - Intel Corporation 87C196 Datasheet HTML 6Page - Intel Corporation 87C196 Datasheet HTML 7Page - Intel Corporation 87C196 Datasheet HTML 8Page - Intel Corporation 87C196 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
87C196KT87C196KS
Device
PinsPackage
EPROM
Reg RAM
Code RAM
IO
EPA
SIO
SSIO
AD
87C196KT
68-Pin PLCC
32K
1K
512b
56
10
Y
Y
8
87C196KS
68-Pin PLCC
24K
1K
256b
56
10
Y
Y
8
NOTE
This is a PRODUCT PREVIEW DATA SHEET The AC and DC parameters contained within this data sheet may change
after full automotive temperature characterization of the device has been performed Contact your local sales office before
finalizing the Timing and DC characteristics of a design to verify you have the latest information
ARCHITECTURE
The KTKS are new members of the MCS-96 family
having the same architecture and use the same in-
struction set as the 80C196KB Many new features
have been added including
CPU FEATURES
Y
Powerdown and Idle Modes
Y
16 MHz Operating Frequency
Y
A High Performance Peripheral
Transaction Server (PTS)
Y
37 Interrupt Vectors
Y
Up to 512 Bytes of Additional Code
RAM
Y
Up to 1 Kbyte of Additional Register
RAM
Y
‘‘Windowing’’ Allows 8-Bit Addressing
to some 16-Bit Addresses
Y
175 ms 16 x 16 Multiply
Y
3 ms 3216 Divide
Y
Oscillator Fail Detect Circuitry
PERIPHERAL FEATURES
Programmable AD Conversion and SH Times
10 CaptureCompare IO with 2 Flexible Timers
(250 ns Resolution and Double Buffered Inputs)
Synchronous Serial IO Port for Full Duplex Seri-
al IO
SynchronousAsynchronous
Serial
IO
Port
(with Dedicated 16-Bit Baud Rate Generator)
Total Utilization of ALL Available Pins (IO Mux’d
with Control)
(2) 16-Bit Timers with Prescale Cascading and
Quadrature Counting Capabilities
Up to 12 Externally Triggered Interrupts
NEW INSTRUCTIONS
XCHXCHB Exchange the contents of two loca-
tions either Word or Byte is support-
ed
BMOVI
Interruptable Block Move Instruction
allows the user to be interrupted dur-
ing long executing Block Moves
TIJMP
Table Indirect JUMP This instruction
incorportes a way to do complex
CASE level branches through one in-
struction An example of such code
savings several interrupt sources and
only one interrupt vector The TIJMP
instruction will sort through the sourc-
es and branch to the appropriate sub-
code level in one instruction This in-
struction was added especially for the
EPA structure but has other code sav-
ing advantages
EPTSDPTS Enable and Disable Interrupts (Works
like EI and DI)
SFR OPERATION
A total of 1 Kbyte of Register RAM is implemented
on the 87C196KTKS devices These locations sup-
port the on-chip peripherals that the 87C196KTKS
has (SFR’s) as well as offering a data storage area
These locations are all 8-bit directly addressable by
use of the windowing technique Any 32- 64- or 128-
byte section can be relocated into the upper 32- 64-
or 128-byte area of the Register RAM area 080H –
0FFH
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com