Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE21-B120/6-DT2-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE21-B120/6-DT2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE21-B120/6-DT2-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE21-B120/6-DT2-R Datasheet HTML 1Page - Hongfa Technology HFE21-B120/6-DT2-R Datasheet HTML 2Page - Hongfa Technology HFE21-B120/6-DT2-R Datasheet HTML 3Page - Hongfa Technology HFE21-B120/6-DT2-R Datasheet HTML 4Page - Hongfa Technology HFE21-B120/6-DT2-R Datasheet HTML 5Page - Hongfa Technology HFE21-B120/6-DT2-R Datasheet HTML 6Page - Hongfa Technology HFE21-B120/6-DT2-R Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
@;
Qpogdi` Gdh`indjin
7[YZVTNX YWNLRKS LVMN
AVZNY4 81 897
A897x dn epno oc` m`a`m`i^` q\gp`3 apmoc`m m`ndno\i^` pkji m`lp`no5
91 K3 UK h`\in oc\o m`g\t dn ji oc` ,m`n`o, no\opn rc`i _`gdq`mtB G3 UG h`\in oc\o m`g\t dn ji oc` ,n`o, no\opn rc`i _`gdq`mt5La ij nk`d^\g
m`lpdm`_ ]t ^pnojh`m3r` rdgg f``k oc` m`g\t ji oc` ,n`o, no\opn rc`i _`gdq`mt5
91
84 8 Ijmh E 0Udibg`4^jio\^o1
<4 8 Ijmh D 0Udibg`4^jio\^o1
E84 8 Ijmh E 0Gjp]g`4^jio\^o ja 8 Ijmh E1
E<4 8 Ijmh D 0Gjp]g`4^jio\^o ja 8 Ijmh D1
81
:1
BGF?=A9 8=@9AE=BAE 5A8 I=D=A; 8=5;D5@
WidoA hh
BD89D=A; =A:BD@5F=BA
HNXYRVU
F]WN
KIH98
4F
7VRS \VSZKPN
689
V
4G
7VUZKLZ OVXT
4T
D4 P`b\odq` kjg\mdot
ARS4 Rjndodq` kjg\mdot
CVSKXRZ]
7VUZKLZ TKZNXRKS
9
EVXZ
.4 Udibg` ^jdg g\o^cdib
/4 Gjp]g` ^jdgn g\o^cdib
0ZZZ1
./-4897x
ARS4 Ydocjpo ncpio
897
F4 DbUiQ9
Vtk` F ^jio\^o o`mhdi\g
YQ[UZ
=3 893 9;3 ;?XGF
Vtkd^\g ncpio0897x 1
0U`` `g`^omd^\g `i_pm\i^`1
:1 Rg`\n` h\f` ^g`\m tjpm o`^cid^\g m`lpdm`h`ion3 \i_ ^cjjn` amjh oc` ajggjrdib : WF m\odibnA
WF8A h``o oc` WF8 m`lpdm`h`ion ji LHF=97<<4:8A F\mmtdib o`no 9;77D k`\f ^pmm`io ajm 87hnB
WF9A h``o oc` WF9 m`lpdm`h`ion ji LHF=97<<4:8A O\fdib o`noA95<fD687hn ^\mmtdib o`no ;5<fD 687hnB
WF:A h``o oc` WF: m`lpdm`h`ion ji LHF=97<<4:8A O\fdib o`noA:fD687OUB ^\mmtdib o`no =fD687hn5
;:`75;
;: 75;
94 y;59 75:
89 75;
87 75:
=5<`7_:
9<5; 75;
@5; 759
949 759
94y:59`75:
94y;59`75:
94y=`75:
::5; 75;
8;5= 75;
;58 75:
9<5; 75;
@5; 759
949 759
=5<`75:
87 75:
89 75;
;
94y= 75:
94y;59 75:
94y:59 75:
8;5= 75;
::5; 75;
;58 75:
54 Vtk` D ^jio\^o o`mhdi\g
64 Vtk` E ^jio\^o o`mhdi\g
74 Vtk` F ^jio\^o o`mhdi\g
84 Vtk` G ^jio\^o o`mhdi\g
;4 Vtk` J ^jio\^o o`mhdi\g
=4 Vtk` L ^jio\^o o`mhdi\g
>4 Vtk` M ^jio\^o o`mhdi\g
+0.1,4 WF8 +0.2,4 WF9 +0.3,4 WF: ARS4 WF:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com