Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE21-G120/6-DT2-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE21-G120/6-DT2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE21-G120/6-DT2-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE21-G120/6-DT2-R Datasheet HTML 1Page - Hongfa Technology HFE21-G120/6-DT2-R Datasheet HTML 2Page - Hongfa Technology HFE21-G120/6-DT2-R Datasheet HTML 3Page - Hongfa Technology HFE21-G120/6-DT2-R Datasheet HTML 4Page - Hongfa Technology HFE21-G120/6-DT2-R Datasheet HTML 5Page - Hongfa Technology HFE21-G120/6-DT2-R Datasheet HTML 6Page - Hongfa Technology HFE21-G120/6-DT2-R Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
@:
Fjio\^o \mm\ib`h`io
KQPJID THND[
LUQ@7783 LUQ6VU8=@;@ 3 LUQ8;7783 QKUDU8?7783 LHFS SF 7?7777 FHTVLILHG
:NKZ[XNY
978: T`q5 8577
<:9/.
7BAF57F 85F5
Fjio\^o h\o`md\g
Fjio\^o m\odib 0T`n5 gj\_1
O\s5 nrdo^cdib qjgo\b`
O\s5 nrdo^cdib ^pmm`io
O\s5 nrdo^cdib kjr`m
O`^c\id^\g `i_pm\i^`
Udibg` ^jdg g\o^cdibA Dkkmjs5 :57Y
Gjp]g` ^jdgn g\o^cdibA Dkkmjs5 =57Y
Fjdg kjr`m
7B=?
@=A=5FGD9 <=;< CBI9D ?5F7<=A; D9?5J
><
><
><
><
><
><
><
><
=
89
9;
;?
=
89
9;
;?
;5?
@5=
8@59
:?5;
;5?
@5=
8@59
:?5;
7B=? 85F5
U`o 6 T`n`o
Xjgo\b`
XGF
h\s5
Rpgn`
Gpm\odji
hn
hdi5
Fjdg T`ndno\i^`
s08 87-1
Pjhdi\g
Xjgo\b`
XGF
Udibg` ^jdg
g\o^cdib
Gjp]g` ^jdgn
g\o^cdib
\o 9:
T`h\mfAHg`^omd^\g `i_pm\i^` h``o LHF=97<<4:8 o`no m`lpdm`h`io3 _j
oc` di_p^odq` gj\_ o`no \ao`m oc` m`ndnodq` gj\_ o`no5
Qigt njh` otkd^\g m\odibn ja WF \m` gdno`_ \]jq`3 da hjm` nk`^d\g
m\odibn m`lpdm`_3 kg`\n` ^jio\^o pn5
Pjo`nA 081 Vtkd^\g q\gp`A U\hkgdib lp\iodot ajm ^jio\^o m`ndno\i^` nc\gg ijo g`nn oc\i
97 k^n3 o\f` oc` \q`m\b` q\gp` amjh < ^jiodijpn h`\npm`h`ion ajm `\^c
n\hkg`5
8:
<7
987
?=7
=5<2=5<
9<29<
87<287<
;:72;:7
Ucj^f
m`ndno\i^`
7<5D57F9D=EF=7E
Linpg\odji m`ndno\i^`
Gd`g`^omd^ nom`iboc
0E`or``i ^jdg . ^jio\^on1
Fm``k\b` _dno\i^`
Qk`m\o` odh` 0\o ijhd5 qjgo51
T`g`\n` odh` 0\o ijhd5 qjgo51
Ipi^odji\g
G`nomp^odq`
Xd]m\odji m`ndno\i^`
Kphd_dot
Dh]d`io o`hk`m\opm`
V`mhdi\odji
Wido r`dbco
Fjinomp^odji
Gd`g`^omd^
nom`iboc
E`or``i ^jdg . ^jio\^on
E`or``i jk`i ^jio\^on
AVZNY4 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
8777O 0\o <77XGF1
;777XDF 8hdi
9777XDF 8hdi
?hh
97hn h\s5
97hn h\s5
@?h6n9
@?7h6n9
87Ku oj <<Ku 85<hh GD
<- oj ?<- TK
4;7 oj ?<
SF
Dkkmjs5 ?<b
Gpno kmjo`^o`_
8D3 8E3 8UK3 8UG
DbUiQ9
897D 9>>XDF69?XGF
;;7XDF
897D
::9;7XD 6 ::=7Y
8 s 87<QRU
Vtk5A75:<h h\s5 0\o 877D1081
Fjio\^o m`ndno`i^`
b N\o^cdib m`g\t
b 897D nrdo^cdib ^\k\]dgdot \o T`n5gj\_
b D^^jm_dib oj oc` a\pgo ^pmm`io \i_ `g`^omd^\g gda` o`no
ja LHF =97<<4:8A WF83 WF93 WF: 0kg`\n` n``
]`gjr o\]g` \i_ ijo`n91
b K`\qt gj\_ pk oj ::59;fXD
b ;fX _d`g`^omd^ nom`iboc0]`or``i ^jdg \i_ ^jio\^on1
b Hiqdmjih`io\g amd`i_gt kmj_p^o 0TjKU ^jhkgd\io1
b Qpogdi` Gdh`indjinA 0<957 s ;:57 s 99571 hh
9?97FD=75? 9A8GD5A79
?7D
997XDF
?7D
877D
FQUyC
8
FQUyC
75;
FQUyC
8
FQUyC
75<
FQUyC
8
FQUyC
75<
FQUyC
8
FQUyC
75<
:777
:777
<777
<777
<777
<777
<777
<777
WF
Fg\nn
Xjgo\b`
0W^1
Fgjn`
Qk`i odh`
0n1
Rjr`m
I\^ojm
Hg`^omd^\g `i_pm\i^`
0QRU1
87A97
Fpmm`io
0L^1
87D
Vjo\gA=777
Vjo\gA87777
Vjo\gA87777
Vjo\gA87777
;8<
0WF81
;8=
0WF91
;8>
0WF:1
897D
PLNA
0WF:1


Similar Part No. - HFE21-G120/6-DT2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE21-C-120/12-D-T-2-R HONGFA-HFE21-C-120/12-D-T-2-R Datasheet
160Kb / 7P
Latching relay
More results

Similar Description - HFE21-G120/6-DT2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE15 HONGFA-HFE15 Datasheet
1Mb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com