Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D80C51 Datasheet(PDF) 13 Page - Intel Corporation

Part # D80C51
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D80C51 Datasheet(HTML) 13 Page - Intel Corporation

Back Button D80C51 Datasheet HTML 9Page - Intel Corporation D80C51 Datasheet HTML 10Page - Intel Corporation D80C51 Datasheet HTML 11Page - Intel Corporation D80C51 Datasheet HTML 12Page - Intel Corporation D80C51 Datasheet HTML 13Page - Intel Corporation D80C51 Datasheet HTML 14Page - Intel Corporation D80C51 Datasheet HTML 15Page - Intel Corporation D80C51 Datasheet HTML 16Page - Intel Corporation D80C51 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
87C5180C51BH80C31BH
EXTERNAL MEMORY CHARACTERISTICS
All parameter values apply to all devices unless otherwise indicated In this table 87C51BH refers to
87C51BH 87C51-1BH-1 and 87C51-2BH-2 (Continued)
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
Variable
Min
Max
Min
Max
Min
Max
TPXIX
Input Instr Hold After PSEN
00
0
ns
TPXIZ
Input Instr Float After PSEN
87C51BH
59
TCLCLb25
ns
87C51-24BH-24
21
TCLCLb20
ns
TAVIV
Address to Valid Instr In
312
103
5TCLCLb105
ns
TPLAZ
PSEN Low to Address Float
10
10
10
ns
TRLRH
RD Pulse Width
400
150
6TCLCLb100
ns
TWLWH
WR Pulse Width
400
150
6TCLCLb100
ns
TRLDV
RD Low to Valid Data In
87C51BH
252
5TCLCLb165
ns
87C51-24BH-24
113
5TCLCLb95
ns
TRHDX
Data Hold After RD
00
0
ns
TRHDZ
Data Float After RD
107
23
2TCLCLb60
ns
TLLDV
ALE Low to Valid Data In
87C51BH
517
8TCLCLb150
ns
87C51-24BH-24
243
8TCLCLb90
ns
TAVDV
Address to Valid Data In
87C51BH
585
9TCLCLb165
ns
87C51-24BH-24
285
9TCLCLb90
ns
TLLWL
ALE Low to RD or WR Low
200
300
75
175
3TCLCLb50
3TCLCLa 50
ns
TAVWL
Address to RD or WR Low
87C51BH
203
4TCLCLb130
ns
87C51-24BH-24
77
4TCLCLb90
ns
TQVWX
Data Valid to WR Transition
87C51BH
33
TCLCLb50
ns
80C51-24BH-24
12
TCLCLb30
ns
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com