Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE21-D120/12-HT2-R Datasheet(PDF) 7 Page - Hongfa Technology

Part # HFE21-D120/12-HT2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE21-D120/12-HT2-R Datasheet(HTML) 7 Page - Hongfa Technology

  HFE21-D120/12-HT2-R Datasheet HTML 1Page - Hongfa Technology HFE21-D120/12-HT2-R Datasheet HTML 2Page - Hongfa Technology HFE21-D120/12-HT2-R Datasheet HTML 3Page - Hongfa Technology HFE21-D120/12-HT2-R Datasheet HTML 4Page - Hongfa Technology HFE21-D120/12-HT2-R Datasheet HTML 5Page - Hongfa Technology HFE21-D120/12-HT2-R Datasheet HTML 6Page - Hongfa Technology HFE21-D120/12-HT2-R Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
@@
Rjndodq` kjg\mdot
P`bodq` kjg\mdot
Fjdg Ydmdib Gd\bm\h
:
9
:9
;
:
:
99
;
U`o0^gjn`1
T`n`o0jk`i1
U`o0^gjn`1
T`n`o0jk`i1
T`n`o0jk`i1
U`o0^gjn`1
T`n`o0jk`i1
U`o0^gjn`1
85 T`g\t dn ji oc` |m`n`o} jm ,n`o, no\opn rc`i ]`dib m`g`\n`_ amjh noj^f3 rdoc oc` ^jind_`m\odji ja ncj^f mdn`i amjh om\indo \i_ m`g\t
hjpiodib3 m`g\t rjpg_ ]` ^c\ib`_ oj |n`o} jm ,m`n`o, no\opn3 oc`m`ajm`3 rc`i \kkgd^\odji 0^jii`^odib oc` kjr`m npkkgt13 kg`\n`
m`n`o oc` m`g\t oj |n`o} jm |m`n`o} no\opn ji m`lp`no5
95 Li jm_`m oj h\dio\di |n`o} jm |m`n`o} no\opn3 `i`mbdu`_ qjgo\b` oj ^jdg ncjpg_ m`\^c oc` m\o`_ qjgo\b`3 dhkpgn` rd_oc ncjpg_ ]` <
odh`n hjm` oc\i |n`o} jm |m`n`o} odh`5 Gj ijo `i`mbdu` qjgo\b` oj |n`o} ^jdg \i_ |m`n`o} ^jdg ndhpgo\i`jpngt5 Di_ \gnj gjib `i`mbdu`_
odh` 0hjm` oc\i 8 hdi1 ncjpg_ ]` \qjd_`_5
:5 Vc` o`mhdi\gn ja m`g\t rdocjpo ordno`_ ^jkk`m rdm` ^\i ijo ]` odi4njg_`m`_3 ^\i ijo ]` hjq`_ rdggapggt5
;5 m`g\tn pn`_ ajm h`o`mdib h`\npmdib \kkgd^\odjin \m` pnp\ggt h\_` rdoc _pno kmjja nomp^opm`3 rcdg` hjno m`g\tn ^jpg_ ]` h\_`
nk`^d\ggt k`m ^pnojh`m/n nk`^dad^ m`lpdm`h`ion5Pj gjib`m oc\i = hjiocn/ nojm\b` odh` dn m`^jhh`i_`_ ajm ocdn fdi_ ja m`g\t3
\i_ kg`\n` k\t \oo`iodji oj oc` nojm\b` `iqdmjih`io5 Vj `inpm` ^jio\^o m`gd\]dgdot3 r` rdgg f``k ^jio\^o no\opn ]` ^gjn`_ rc`i
_`gdq`mt da ij nk`^d\g m`lpdm`_ ]t ^pnojh`m5
AVZRLN
Gdn^g\dh`m
Vcdn _\o\nc``o dn ajm oc` ^pnojh`mn{ m`a`m`i^`5 Dgg oc` nk`^dad^\odjin \m` np]e`^o oj ^c\ib` rdocjpo ijod^`5
Y` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mt kjnnd]g` \kkgd^\odji5 Vcpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj
^cjjn` oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji5 La oc`m` dn \it lp`mt3 kg`\n` ^jio\^o Kjiba\ ajm oc` o`^cid^\g n`mqd^`5 Kjr`q`m3 do dn oc` pn`m{n
m`nkjind]dgdot oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt5
v Zd\h`i Kjiba\ Hg`^omj\^jpnod^ Fj53 No_5 Dgg mdbcon ja Kjiba\ \m` m`n`mq`_5
BGF?=A9 8=@9AE=BAE 5A8 I=D=A; 8=5;D5@
WidoA hh



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com