Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE22-C/12-D1T22-R Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFE22-C/12-D1T22-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE22-C/12-D1T22-R Datasheet(HTML) 4 Page - Hongfa Technology

  HFE22-C/12-D1T22-R Datasheet HTML 1Page - Hongfa Technology HFE22-C/12-D1T22-R Datasheet HTML 2Page - Hongfa Technology HFE22-C/12-D1T22-R Datasheet HTML 3Page - Hongfa Technology HFE22-C/12-D1T22-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
kl
}rq y2J@FE
jd
ie
faNgbi
eb *6=2J:D @? E96 PC6D6EQ @C YD6EY DE2EFD H96? 36:?8 C6=62D65 7C@> DE@4<` H:E9 E96 4@?D:56C2E:@? @7 D9@4< C:D6? 7C@> EC2?D:E 2?5 C6=2J
>@F?E:?8` C6=2JH@F=5 36 492?865 E@ PD6EQ @C YC6D6EY DE2EFD` E96C67@C6` H96? 2AA=:42E:@? ]4@??64E:?8 E96 A@H6C DFAA=J^` A=62D6
C6D6E E96 C6=2JE@ PD6EQ @C PC6D6EQ DE2EFD @? C6BF6DEb
fb x? @C56C E@ >2:?E2:? PD6EQ @C PC6D6EQ DE2EFD` 6?6C8:K65 G@=E286 E@ 4@:= D9@F=5 C6249 E96 C2E65 G@=E286` :>AF=D6 H:5E9 D9@F=5 36 i
E:>6D >@C6 E92? PD6EQ @C PC6D6EQ E:>6bs@ ?@E 6?6C8:K6 G@=E286 E@ PD6EQ 4@:= 2?5 PC6D6EQ 4@:= D:>F=E2?6@FD=Jbp?5 2=D@ =@?8 6?6C8:K65
E:>6 ]>@C6 E92? e >:?^ D9@F=5 36 2G@:565b
gb ,96 E6C>:?2=D @7 C6=2JH:E9@FE EH:DE65 4@AA6C H:C6 42? ?@E 36 E:?aD@=56C65` 42? ?@E 36 >@G65 H:==7F==Jb
hb *6=2JD FD65 7@C >6E6C:?8 >62DFC:?8 2AA=:42E:@?D 2C6 FDF2==J >256 H:E9 5FDE AC@@7 DECF4EFC6` H9:=6 >@DE C6=2JD 4@F=5 36 >256
DA64:2==JA6C 4FDE@>6C\D DA64:7:4 C6BF:C6>6?EDb{@ =@?86C E92? j >@?E9D\ DE@C286 E:>6 :D C64@>>6?565 7@C E9:D <:?5 @7 C6=2J`
2?5 A=62D6 A2J2EE6?E:@? E@ E96 DE@C286 6?G:C@?>6?Eb ,@ 6?DFC6 4@?E24E C6=:23:=:EJ` H6 H:== <66A 4@?E24E DE2EFD 36 4=@D65 H96?
56=:G6CJ:7 ?@ DA64:2= C6BF:C65 3J4FDE@>6Cb
:OSKFH
s:D4=2:>6C
,9:D 52E2D966E :D 7@C E96 4FDE@>6CDO C676C6?46bp== E96 DA64:7:42E:@?D 2C6 DF3;64E E@ 492?86 H:E9@FE ?@E:46b
/6 4@F=5 ?@E 6G2=F2E6 2== E96 A6C7@C>2?46 2?5 2== E96 A2C2>6E6CD 7@C 6G6CJA@DD:3=6 2AA=:42E:@?b ,9FD E96 FD6C D9@F=5 36 :? 2 C:89E A@D:E:@? E@
49@@D6 E96 DF:E23=6 AC@5F4E 7@C E96:C @H? 2AA=:42E:@?bx7 E96C6 :D 2?JBF6CJ` A=62D6 4@?E24E w@?872 7@C E96 E649?:42= D6CG:46bw@H6G6C` :E :D E96 FD6COD
C6DA@?D:3:=:EJE@ 56E6C>:?6 H9:49 AC@5F4E D9@F=5 36 FD65 @?=Jb
L 0:2>6? w@?872 t=64EC@24@FDE:4 r@b` yE5b p== C:89ED @7 w@?872 2C6 C6D6CG65b
r@:= /:C:?8 s:28C2>
;@?87:3 2793:>7;:>+ B7=7:5 27/5=/9 /:2 <1 0;/=2 8/C;@?
-?:En >>
}@D:E:G6 A@=2C:EJ
{682E:G6 A@=2C:EJ
e
g
e
g
e
g
e
g
f
f
*6D6E
+6E
*6D6E
+6E
*6D6E
+6E
*6D6E
+6E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com