Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTMF-DC Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # RTMF-DC
Description  Fuse Panels - ATC, ATM, FMX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RTMF-DC Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  RTMF-DC Datasheet HTML 1Page - Cooper Bussmann, Inc. RTMF-DC Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fuse Panels- RTMF, 15600, Relay Module
http://www.cooperindustries.com/...nn/consumer/products/automotive_circuitprotectionprdandacc/fuse_holders_panelblockstaps/Blade_Fuse_Taps_ATM_ATC1.html[8/17/2011 1:05:27 PM]
Products
News
Events
C3 Sign-In
Employees
Contact Us
Company
Divisions
Products
Resources
Investors
Automotive Electrical
Aftermarket
Residential Circuit Protection
Recently Viewed Items
Wind SPD
Advanced Search
SEARCH
Cooper Industries > Cooper Bussmann > Consumer > Products > Automotive Electrical Aftermarket > Fuse Holders, Panel, Blocks & Taps >
Fuse Panels - ATC, ATM, FMX
Fuse Panels - ATC, ATM, FMX
Designed for versatility, durability and ease-of-installation, Cooper Bussmann fuse panels and blocks deliver the ideal solution for many
applications. Cooper Bussmann fuse panels and blocks are molded of high-performance thermoplastic, and feature high quality hardware
in a choice of connector styles.
Fuse Panels for Blade Fuses
RTMF Fuse Panel - ATM Footprint
The Rear Terminal 20 Position ATM
Fuse Panel provides efficient power
distribution in a rugged compact
package. The RTMF offers a weather
tight enclosure (IP66/67) for ATM blade
fuses and circuit breakers when cover,
cable seals, and cavity plugs are
installed.*
Part No.
Description
RTMF
20 position fuse block
RTMF-SC 20 position fuse block with shallow cover
RTMF-DC 20 position fuse block with deep cover
* Electrical terminals, cable seals and cavity plugs are either
Delphi Packard Metri-Pack® 280 Series terminals
(sealed/tangless) or AMP® terminals. They accept #12-22 AWG
wire sizes. Delphi Packard 280 Series cavity plugs
are installed where wires are not used. Seals and cavity plugs not
sold by Cooper Bussmann.
Power Distribution Relay Module
The sealed Power Relay Module
(CBPRM) and Power Fuse Module
(CBPFM) are compact power distribution
modules for high current applications
having extreme moisture and high
vibration. The 24 volt CBPRM contains a
35A relay and two FMX fuse positions
(one protects the relay and the other a
single-circuit in-line fuse). The CBPFM
has two FMX fuse positions for separate circuits. Both the CBPRM
and CBPFM feature rugged M8 power input studs, and an IP66
removable, weather-tight cover to protect the fuse positions.
Electrical terminations not supplied by Cooper Bussmann.
Part No. Description
CBPFM Power Fuse Module
CBPRM Power Relay Module
15600 Fuse Panels - ATC Footprint
A single, common power input makes it
simple to wire for multiple circuits -
each rated to 30 amps, up to 32 volts.
Molded of high grade thermoplastic, for
superior performance. Quick-connect
terminals for easy installation. Recessed
fuse contacts provide fingersafe
protection.
Fuses and circuit breakers sold separately.
Fuse
Positions
Short Base
Part No.
Blister
Pack
Tri-Lingual
Blister
Long Base
Part No.
4
15600-04-20
15600-04-21
6
15600-06-20
X*
X*
15600-06-21
8
15600-08-20
15600-08-21
10
15600-10-20
15600-10-21
12
15600-12-20
15600-12-21
14
15600-14-20
15600-14-21
16
15600-16-20
15600-16-21
18
15600-18-20
15600-18-21
20
15600-20-20
15600-20-21
COOPER INDUSTRIES
COOPER BUSSMANN
CONSUMER
ABOUT US
PRODUCTS
SOLUTIONS
MARKETS
BRANDS
RESOURCES
Google Search
Google Search


Similar Part No. - RTMF-DC

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
RTM FOTEK-RTM Datasheet
1Mb / 2P
M18 Ultra short tubular type Photo sensor
logo
Recom International Pow...
RTM-0505S RECOM-RTM-0505S Datasheet
103Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
RTM-1205S RECOM-RTM-1205S Datasheet
103Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
Analog Devices
RTM-1696 AD-RTM-1696 Datasheet
1Mb / 4P
5VA OUTPUT TRANSFORMERS
RTM-1696 AD-RTM-1696_15 Datasheet
1Mb / 4P
5VA OUTPUT TRANSFORMERS
More results

Similar Description - RTMF-DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULN3800A ETC1-ULN3800A Datasheet
641Kb / 7P
FM / FMX-R STEREO DECODERS
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
228Kb / 2P
PV Fuse Protects Photovoltaic Panels up to 1000Vdc
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
ATC Blade Fuses
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
15600 COOPER-15600 Datasheet
79Kb / 1P
ATC Blade-Type Fuse Panels
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
PCB Fuse-clips for ATC/ATM Blade, 5 mm
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
Automotive in-line fuse holder for ATC blade-type fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com