Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196KB Datasheet(PDF) 17 Page - Intel Corporation

Part # 87C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196KB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 87C196KB Datasheet HTML 13Page - Intel Corporation 87C196KB Datasheet HTML 14Page - Intel Corporation 87C196KB Datasheet HTML 15Page - Intel Corporation 87C196KB Datasheet HTML 16Page - Intel Corporation 87C196KB Datasheet HTML 17Page - Intel Corporation 87C196KB Datasheet HTML 18Page - Intel Corporation 87C196KB Datasheet HTML 19Page - Intel Corporation 87C196KB Datasheet HTML 20Page - Intel Corporation 87C196KB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
8XC196KB8XC196KB16
10-BIT AD CHARACTERISTICS
At a clock speed of 6 MHz or less the clock prescal-
er should be disabled This is accomplished by set-
ting IOC24 e 1
At higher frequencies (greater than 6 MHz) the clock
prescaler should be enabled (IOC24 e 0) to allow
the comparator to settle
The table below shows two different clock speeds
and their corresponding AD conversion and sample
times
State times are calculated as follows
state time e
2
XTAL1
The converter is ratiometric so the absolute accura-
cy is directly dependent on the accuracy and stability
of VREF VREF must be close to VCC since it supplies
both the resistor ladder and the digital section of the
converter
See the MCS-96 AD Converter Quick Reference
for definition of AD terms
Example Sample and Conversion Times
Sample Time
Conversion
Conversion
AD Clock
Clock Speed
Sample Time
at Clock
Time
Time at
Prescaler
(MHz)
(States)
Speed
(States)
Clock Speed
(ms)
(ms)
IOC24 e 0
x ON
16
15
1875
1565
196
IOC24 e 1
x OFF
6
8
2667
895
298
AD CONVERTER SPECIFICATIONS
Parameter
Typical(1)
Minimum
Maximum
Units
Notes
Resolution
1024
1024
Levels
10
10
Bits
Absolute Error
0
g
3
LSBs
Full Scale Error
025 g050
LSBs
Zero Offset Error
025 g050
LSBs
Non-Linearity Error
15 g25
0
g
3
LSBs
Differential Non-Linearity Error
l b
1
a
2
LSBs
Channel-to-Channel Matching
g
01
0
g
1
LSBs
Repeatability
g
025
LSBs
Temperature Coefficients
Offset
0009
LSB C
Full Scale
0009
LSB C
Differential Non-Linearity
0009
LSB C
Off Isolation
b
60
dB
2 3
Feedthrough
b
60
dB
2
VCC Power Supply Rejection
b
60
dB
2
Input Series Resistance
750
12K
X
4
DC Input Leakage
0
g
30
m
A
Sampling Capacitor
3
pF
NOTES
An ‘‘LSB’’ as used here has a value of approximately 5 mV
1 Typical values are expected for most devices at 25 C
2 DC to 100 KHz
3 Multiplexer Break-Before-Make Guaranteed
4 Resistance from device pin through internal MUX to sample capacitor
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com